전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-BGA-9023 데이터시트(PDF) 3 Page - Ironwood Electronics.

부품명 SM-BGA-9023
상세설명  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9023 데이터시트(HTML) 3 Page - Ironwood Electronics.

  SM-BGA-9023 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9023 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9023 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9023 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
E
A1 orientation
X
Y
A
A1
0.10 Z
0.08 Z
Z
b
e
0.05 X Y
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
1.
Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
2.
Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
3.
Parallelism measurement shall exclude any effect of mark on top surface of package.
4.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DIM
MIN
MAX
A
1.0
A1
0.15
0.25
b
0.25
0.35
D
5.0 BSC
E
5.0 BSC
e
0.5 BSC
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 01/18/2013
Material: N/A
Finish: N/A
Weight: 8.69
SM-BGA-9023 Drawing
SCALE: 10:1
SHEET: 3 OF 4
DRAWN BY: D. Hauer
FILE: SM-BGA-9023 Dwg


유사한 부품 번호 - SM-BGA-9023

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9020 IRONWOOD-SM-BGA-9020 Datasheet
285Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9021 IRONWOOD-SM-BGA-9021 Datasheet
554Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9022 IRONWOOD-SM-BGA-9022 Datasheet
471Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9024 IRONWOOD-SM-BGA-9024 Datasheet
885Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9025 IRONWOOD-SM-BGA-9025 Datasheet
322Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

유사한 설명 - SM-BGA-9023

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com