전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14CA8-W25I 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 STK14CA8-W25I
상세설명  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-W25I 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-W25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14CA8-W25I Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
8
AutoStore™ /POWER-UP RECALL
SYMBOLS
PARAMETER
STK14CA8
NO.
Standard
Alternate
MIN
MAX
UNITS
NOTES
22
tHRECALL
Power-up RECALL Duration
20
ms
l
23
tSTORE
tHLHZ
STORE Cycle Duration
12.5
ms
m
24
VSWITCH
Low Voltage Trigger Level
2.55
2.65
V
25
tVCCRISE
VCC Rise Time
150
µs
Notes
l: tHRECALL starts from the time VCC rises above VSWITCH
m: If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
AutoStore™/POWER-UP RECALL
Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH.
POWER-UP RECALL
VCC
23
tSTORE
22
tHRECALL
24
VSWITCH
AutoStore
TM
POWER DOWN
AutoStore
TM
BROWN OUT
AutoStore
TM
POWER-UP
RECALL
Read & Write Inhibited
25
tVCCRISE
23
tSTORE
22
tHRECALL
POWER-UP
RECALL
STORE
occurs only if a
SRAM write has
happened.
No STORE occurs
without at least one
SRAM write.


유사한 부품 번호 - STK14CA8-W25I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8-NF25 SIMTEK-STK14CA8-NF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25 SIMTEK-STK14CA8-NF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF25 CYPRESS-STK14CA8-NF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

유사한 설명 - STK14CA8-W25I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com