전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP03DA24S12W 데이터시트(PDF) 1 Page - Toppower Electronic Technology Limited

부품명 TP03DA24S12W
상세설명  3W Wide Range Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03DA24S12W 데이터시트(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03DA24S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03DA24S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03DA24S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03DA24S12W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP03DA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
The rated output power of TP03DA converters is 3W,the outline dimensions is
"31.75*20.32*11.2", 2:1 and 4:1 wide input voltage range,the voltage range is
4.9V-9V,9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the
converter can reach ±1% ,It can be widely used in telecommunications, railway
transportation, instrument and etc.
3W Wide Range Input Voltage DC/DC Converters
FEATURES
3W output power
2:1 and 4:1 wide input voltage range
Over load protection
31.75mm*20.32mm*11.2mm standard package
Fixed switching frequency
Operating temperature: -40℃to 85℃
Metal shell packaging
RoHS compliant
3KVDC isolated
SELECTION GUIDE
Part Number
Input Vlotage
Output
Efficiency(Typ)
%
Maxium capacitive load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP03DA05S05
5(2:1)
4.5-9
5
0.6
≥73
1000
TP03DA05D05
5(2:1)
4.5-9
±5
±0.3
≥73
±850
TP03DA12S03
12(2:1)
9-18
3.3
0.6
≥73
2200
TP03DA12S05
12(2:1)
9-18
5
0.6
≥74
1500
TP03DA12S12
12(2:1)
9-18
12
0.25
≥75
660
TP03DA12S15
12(2:1)
9-18
15
0.2
≥75
470
TP03DA12D05
12(2:1)
9-18
±5
±0.3
≥76
±850
TP03DA12D12
12(2:1)
9-18
±12
±0.125
≥78
±140
TP03DA12D15
12(2:1)
9-18
±15
±0.1
≥79
±47
TP03DA24S03
24(2:1)
18-36
3.3
0.6
≥74
2200
TP03DA24S05
24(2:1)
18-36
5
0.6
≥76
1500
TP03DA24S12
24(2:1)
18-36
12
0.25
≥76
660
TP03DA24S15
24(2:1)
18-36
15
0.2
≥76
470
TP03DA24D05
24(2:1)
18-36
±5
±0.3
≥78
±850
TP03DA24D12
24(2:1)
18-36
±12
±0.125
≥79
±140
TP03DA24D15
24(2:1)
18-36
±15
±0.1
≥79
±47
TP03DA48S03
48(2:1)
36-72
3.3
0.6
≥74
2200
TP03DA48S05
48(2:1)
36-72
5
0.6
≥76
1500
TP03DA48S12
48(2:1)
36-72
12
0.25
≥78
660
TP03DA48S15
48(2:1)
36-72
15
0.2
≥78
470
TP03DA48D05
48(2:1)
36-72
±5
±0.3
≥79
±850
TP03DA48D12
48(2:1)
36-72
±12
±0.125
≥79
±140
TP03DA48D15
48(2:1)
36-72
±15
±0.1
≥80
±47
TP03DA24S05W
24(4:1)
9-36
5
0.6
≥75
1500
TP03DA24S12W
24(4:1)
9-36
12
0.25
≥75
660
TP03DA24S15W
24(4:1)
9-36
15
0.2
≥75
470
TP03DA24D05W
24(4:1)
9-36
±5
±0.3
≥77
±850
TP03DA24D12W
24(4:1)
9-36
±12
±0.125
≥78
±140
TP03DA24D15W
24(4:1)
9-36
±15
±0.1
≥78
±47
TP03DA48S05W
48(4:1)
18-72
5
0.6
≥75
1500
TP03DA48S12W
48(4:1)
18-72
12
0.25
≥77
660
TP03DA48S15W
48(4:1)
18-72
15
0.2
≥77
470
TP03DA48D05W
48(4:1)
18-72
±5
±0.3
≥78
±850
TP03DA48D12W
48(4:1)
18-72
±12
±0.125
≥78
±140
TP03DA48D15W
48(4:1)
18-72
±15
±0.1
≥79
±47


유사한 부품 번호 - TP03DA24S12W

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP03DA24S12W TOPPOWER-TP03DA24S12W Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA24S12W TOPPOWER-TP03DA24S12W Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA24S12W TOPPOWER-TP03DA24S12W Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results

유사한 설명 - TP03DA24S12W

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA_V01 Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com