전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPT-64P-M23 데이터시트(PDF) 3 Page - Fujitsu Component Limited.

부품명 FPT-64P-M23
상세설명  F2MC-8FX MB95160MA Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FPT-64P-M23 데이터시트(HTML) 3 Page - Fujitsu Component Limited.

  FPT-64P-M23 Datasheet HTML 1Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 2Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 3Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 4Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 5Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 6Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 7Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 8Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MB95160MA Series
DS07–12624–3E
3
■ PRODUCT LINEUP
(Continued)
Part number
Parameter
MB95168MA
MB95F168MA
MB95F168NA
MB95F168JA
Type
Mask ROM
product
Flash memory product
ROM capacity
60 Kbytes
RAM capacity
2 Kbytes
Reset output
Yes/No
selectable
Yes
No
Clock system
Dual clock
Low voltage
detection reset
Yes/No
selectable
No
Yes
Clock supervisor
Yes/No
selectable
No
Yes
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time : 61.5 ns (at machine clock frequency
16.25 MHz)
Interrupt processing time
: 0.6
μs (at machine clock frequency
16.25 MHz)
Ports (Max 52 ports)
General-purpose I/O port (N-ch open drain) : 2 ports
General-purpose I/O port (CMOS)
: 50 ports
Programmable input voltage levels of port :
Automotive input level
/ CMOS input level / hysteresis input level
Time-base timer
(1 channel)
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog timer
Reset generated cycle
At main oscillation clock 10 MHz
: Min 105 ms
At sub oscillation clock 32.768 kHz (for dual clock product) : Min 250 ms
Wild register
Capable of replacing 3 bytes of ROM data
I2C
(1 channel)
Master/slave sending and receiving
Bus error function and arbitration function
Detecting transmitting direction function
Start condition repeated generation and detection functions
Built-in wake-up function
UART/SIO
(1 channel)
Data transfer capable in UART/SIO
Full duplex double buffer,
variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock synchronous (SIO) or clock asynchronous (UART) serial data transfer ca-
pable
LIN-UART
(1 channel)
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Capable of serial data transfer synchronous or asynchronous to clock signal.
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D converter
(8 channels)
8-bit or 10-bit resolution can be selected.


유사한 부품 번호 - FPT-64P-M23

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
   LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
More results

유사한 설명 - FPT-64P-M23

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com