전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2046IPW 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TSC2046IPW
상세설명  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046IPW 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  TSC2046IPW Datasheet HTML 1Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 2Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 3Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 4Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 5Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 6Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 7Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 8Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TSC2046
2
SBAS265C
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
+VCC and IOVDD to GND ..................................................... –0.3V to +6V
Analog Inputs to GND ............................................ –0.3V to +VCC + 0.3V
Digital Inputs to GND .......................................... –0.3V to IOVDD + 0.3V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150°C
Operating Temperature Range ....................................... –40°C to +85°C
Storage Temperature Range ......................................... –65°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300°C
NOTE: (1) Stresses above these ratings can cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOMINAL
PENIRQ
MAXIMUM
PULLUP
INTEGRAL
SPECIFIED
RESISTOR
LINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
VALUES
ERROR (LSB) PACKAGE-LEAD DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
TSC2046
50k
±2
VFBGA-48
GQC
–40°C to +85°C
AZ2046
TSC2046IGQCR
Tape and Reel, 2500
TSC2046-90
90k
±2
VFBGA-48
GQC
–40°C to +85°C
AZ2046A
TSC2046IGQCR-90
Tape and Reel, 2500
TSC2046
50k
±2
TSSOP-16
PW
–40°C to +85°C
TSC2046I
TSC2046IPW
Rails, 100
"
"
"
"
"
"
"
TSC2046IPWR
Tape and Reel, 2500
TSC2046
50k
±2
QFN-16
RGV
–40°C to +85°C
TSC2046
TSC2046IRGVT
Tape and Reel, 250
"
"
"
"
"
"
"
TSC2046IRGVR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet.
PACKAGE/ORDERING INFORMATION(1)


유사한 부품 번호 - TSC2046IPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046IPW TI1-TSC2046IPW Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWG4 TI1-TSC2046IPWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWR TI1-TSC2046IPWR Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWRG4 TI1-TSC2046IPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2046IPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com