전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-BGA-9057 데이터시트(PDF) 2 Page - Ironwood Electronics.

부품명 SM-BGA-9057
상세설명  Low and stable contact resistance for reliable production yield
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9057 데이터시트(HTML) 2 Page - Ironwood Electronics.

  SM-BGA-9057 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 5Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 6Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 7Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 8Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
40.000
29.250
center of socket
81.500
58.500
lid opens 7.00
Heatsink and fan are
not shown for clarity
37.250
40.000
17.00
max components
height
center of socket
SM BGA Socket - Direct mount, solderless
Features
• Wide temperature range (-55C to +155C).
Current rating at 14C temperature rise is 4 Amps per pin
• Excellent signal integrity at high frequencies.
• Low and stable contact resistance for reliable production yield.
• Highly compliant to accommodate wide co-planarity variations.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket for 43x59mm 41x57 1mm pitch BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/22/2014
Material: N/A
Finish: N/A
Weight: 1089.87
SM-BGA-9057 Drawing
SCALE: 1:1.6
SHEET: 2 OF 9
ENG: E. Smolentseva
FILE: SM-BGA-9057 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SM-BGA-9057

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9051 IRONWOOD-SM-BGA-9051 Datasheet
381Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9052 IRONWOOD-SM-BGA-9052 Datasheet
444Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9053 IRONWOOD-SM-BGA-9053 Datasheet
568Kb / 4P
   Ball guide prevents over compression of elastomer
SM-BGA-9054 IRONWOOD-SM-BGA-9054 Datasheet
371Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

유사한 설명 - SM-BGA-9057

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com