전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-BGA-9063 데이터시트(PDF) 4 Page - Ironwood Electronics.

부품명 SM-BGA-9063
상세설명  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9063 데이터시트(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9063 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9063 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
3
7
10
8
14
9
5
1
4
6
11
12
13
ITEM
NO.
DESCRIPTION
Material
1
Compression Screw M10
7075-T6 Alumium Alloy
2
Socket Lid, 18.225 X 18.225
7075-T6 Aluminum Alloy
3
Compression Plate, 12.95 X 12.95
7075-T6 Aluminum Alloy
4
Customer's BGA device
Material <not specified>
5 #0-80 Shoulder Screw, 1.59mm thread length
Stainless Steel (303)
6
SM socket base for 13x13mm IC 0.375mm
shift
7075-T6 Aluminum Alloy
7
IC guide SM socket 13mm IC
Torlon 4203
8
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
9
SM-Ball guide 0.8mm 15x15 array
Kapton Polyimide/Cirlex
10
SM interposer BGA625 13x13mm 0.8mm
15x15 array
Silmat
11
Customer's target PCB
FR4 High temp
12
Insulation Plate
FR4
13
Backing Plate
7075-T6 Aluminum Alloy
14
#0-80 X .375 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/04/2015
Material:
Finish:
Weight:
SM-BGA-9063 Drawing
SCALE: 2.5:1
SHEET: 4 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9063 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SM-BGA-9063

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9060 IRONWOOD-SM-BGA-9060 Datasheet
416Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9064 IRONWOOD-SM-BGA-9064 Datasheet
452Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9067 IRONWOOD-SM-BGA-9067 Datasheet
495Kb / 4P
   Minimum real estate required
More results

유사한 설명 - SM-BGA-9063

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com