전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-LGA-6001 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 SM-LGA-6001
상세설명  Self inductance under 0.21nH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-LGA-6001 데이터시트(HTML) 1 Page - Ironwood Electronics.

  SM-LGA-6001 Datasheet HTML 1Page - Ironwood Electronics. SM-LGA-6001 Datasheet HTML 2Page - Ironwood Electronics. SM-LGA-6001 Datasheet HTML 3Page - Ironwood Electronics. SM-LGA-6001 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
21.000
28.225
J
J
Socket ISO Open Lid view
23.225
2.438
2.500
2.500
1.250
1.250
12.250
19.2250
SECTION J-J
• Wide temperature range (-55C to +150C).
• Current capability is 4A per pin at 14C
temperature rise.
• Over 40GHz bandwidth @-1dB for edge
pins
• Low and stable contact resistance for
reliable production yield.
• Self inductance under 0.21nH.
Silver Ball Matrix Elastomer Socket
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM-LGA60 clamshell 14x18mm socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/11/2014
Material: Material <not specified>
Finish:
Weight: 14.68
SM-LGA-6001 Drawing
SCALE: 2:1
SHEET: 1 OF 4
ENG: B. Schatz
FILE: SM-LGA-6001 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SM-LGA-6001

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-LGA-6000 IRONWOOD-SM-LGA-6000 Datasheet
451Kb / 5P
   Self inductance under 0.21nH
SM-LGA-6002 IRONWOOD-SM-LGA-6002 Datasheet
455Kb / 5P
   Compression plate distributes forces evenly
More results

유사한 설명 - SM-LGA-6001

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-LGA-6000 IRONWOOD-SM-LGA-6000 Datasheet
451Kb / 5P
   Self inductance under 0.21nH
CBT-QFN-7005 IRONWOOD-CBT-QFN-7005 Datasheet
299Kb / 6P
   Self inductance 0.88nH
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com