전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP-QFN-8010 데이터시트(PDF) 2 Page - Ironwood Electronics.

부품명 SMP-QFN-8010
상세설명  Highly compliant to accommodate wide co-planarity variations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8010 데이터시트(HTML) 2 Page - Ironwood Electronics.

  SMP-QFN-8010 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 6Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 7Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 8Page - Ironwood Electronics. SMP-QFN-8010 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
34±0.125 socket body
34.225±0.125 socket lid
32.600±0.125
socket lid
R
R
A
A
1.700
6.350
2.500
3.5 hole
5hole
32
SECTION R-R
customer's device
Recommended torque 1 in lb
W
SECTION A-A
0.80
device
thickness
0.025
0.605
at test
4.5513±0.0250
compression
plate height
DETAIL W
SCALE 5 : 1
SMP-QFN DIRECT MOUNT, SOLDERLESS SOCKET FOR BURN-IN AND TEST APPLICATIONS
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SMP socket for 5x5mm 0.5mm pitch QFN32
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/12/2015
Material: N/A
Finish: N/A
Weight: 81.36
C14011 Drawing
SCALE: 1.4:1
SHEET: 2 OF 9
ENG: E. Smolentseva
FILE: SMP-QFN-8010 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SMP-QFN-8010

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8012 IRONWOOD-SMP-QFN-8012 Datasheet
265Kb / 4P
   Compression plate distributes forces evenly
SMP-QFN-8013 IRONWOOD-SMP-QFN-8013 Datasheet
649Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8015 IRONWOOD-SMP-QFN-8015 Datasheet
359Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
SMP-QFN-8016 IRONWOOD-SMP-QFN-8016 Datasheet
406Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

유사한 설명 - SMP-QFN-8010

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com