전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC-08ED 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 DAC-08ED
상세설명  8-bit high-speed multiplying D/A converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08ED 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button DAC-08ED Datasheet HTML 3Page - NXP Semiconductors DAC-08ED Datasheet HTML 4Page - NXP Semiconductors DAC-08ED Datasheet HTML 5Page - NXP Semiconductors DAC-08ED Datasheet HTML 6Page - NXP Semiconductors DAC-08ED Datasheet HTML 7Page - NXP Semiconductors DAC-08ED Datasheet HTML 8Page - NXP Semiconductors DAC-08ED Datasheet HTML 9Page - NXP Semiconductors DAC-08ED Datasheet HTML 10Page - NXP Semiconductors DAC-08ED Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
7
TEST CIRCUITS (Continued)
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
0.1
µF
OPEN
SCOPE
REQ = 200 Ω
RL
RP
RIN
VIN
dI
dt
+
I
R
L
dV
dt
SLEWING TIME
10%
90%
0
2.0 mA
2V
0
SL00005
1 k
Figure 5. Reference Current Slew Rate Measurement
NOTES:
(See text for values of C.)
Typical values of R14 = R15 = 1 kΩ
VREF = +2.0 V
C = 15 pF
VI and II apply to inputs A1 through A8
The resistor tied to Pin 15 is to temperature compensate the bias current and may not be necessary for all applications.
I
O +
K
A
1
2
)
A
2
4
)
A
3
8
)
A
4
16
)
A
5
32
)
A
6
64
)
A
7
128
)
A
8
256
where K
[
V
REF
R
14
and AN = ‘1’ if AN is at High Level
AN = ‘0’ if AN is at Low Level
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VCC
DIGITAL
INPUTS
OUTPUT
ICC
VO
VREF (+)
IO
RL
C
VEE
IEE
VI
II
(+)
R15
R14
I15
I14
A1
A2
A3
A4
A5
A6
A7
A8
SL00006
Figure 6. Notation Definitions


유사한 부품 번호 - DAC-08ED

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
DAC-08ED ONSEMI-DAC-08ED Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
DAC-08EDG ONSEMI-DAC-08EDG Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
DAC-08EDR2 ONSEMI-DAC-08EDR2 Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
DAC-08EDR2G ONSEMI-DAC-08EDR2G Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
More results

유사한 설명 - DAC-08ED

제조업체부품명데이터시트상세설명
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com