전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS7005-CTT 데이터시트(PDF) 5 Page - Gennum Corporation

부품명 GS7005-CTT
상세설명  Complete Serial Digital Video Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7005-CTT 데이터시트(HTML) 5 Page - Gennum Corporation

  GS7005-CTT Datasheet HTML 1Page - Gennum Corporation GS7005-CTT Datasheet HTML 2Page - Gennum Corporation GS7005-CTT Datasheet HTML 3Page - Gennum Corporation GS7005-CTT Datasheet HTML 4Page - Gennum Corporation GS7005-CTT Datasheet HTML 5Page - Gennum Corporation GS7005-CTT Datasheet HTML 6Page - Gennum Corporation GS7005-CTT Datasheet HTML 7Page - Gennum Corporation GS7005-CTT Datasheet HTML 8Page - Gennum Corporation GS7005-CTT Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
GENNUM CORPORATION
522 - 14 - 06
5
PIN CONNECTIONS
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION
1, 13, 14, 26, 27,
39, 40, 52
GND
-
Connect to Ground.
2-11, 22, 44, 45
RSVD0
-
Connect to Ground.
12
H
O
H Indication. HIGH after EAV ID and LOW after SAV ID.
15
GND
-
Ground for analog blocks of the device.
16, 17
C1, C2
-
External 100nF loop filter capacitor connection.
18
VCC1
-
Power supply for analog blocks of the device.
19, 20
SDI, SDI
I
Differential Serial Data Input
21
VCC2
-
Power supply for PECL blocks of the device.
23
GND
-
Ground for PECL blocks of the device.
24
EQ
I
Equalizer Control; LOW = EQ on, HIGH = EQ bypassed.
25, 49, 50
RSVD1
-
Connect to VCC.
28
LOCK
O
Signal Lock Indication Output. Goes HIGH approximately 38µs after valid parallel data
occurs.
29-38
DOUT[9:0]
O
27Mb/s Parallel Data Outputs.
41
GND
-
Ground for CMOS blocks of the device.
42
VDD
-
Power supply for CMOS blocks of the device.
43
PCLKOUT
O
27MHz Clock Output.
46
SMPTE
I
NRZI decoding and descrambling control.
LOW = NRZI and SMPTE mode on. HIGH = NRZI and SMPTE mode disabled.
47
CD
O
Carrier Detect. Active LOW. Goes LOW when carrier is detected and high when carrier is
lost.
48
VCC3
-
Power supply for Analog and PECL blocks of the device.
51
GND
-
Ground for analog and PECL blocks of the device.
GS7005
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
GND
RSVD0
RSVD0
RSVD0
RSVD0
RSVD0
RSVD0
RSVD0
RSVD0
RSVD0
RSVD0
H
GND
GND
DOUT0
DOUT1
DOUT2
DOUT3
DOUT4
DOUT5
DOUT6
DOUT7
DOUT8
DOUT9
LOCK
GND
NOTE: RSVD = Reserved


유사한 부품 번호 - GS7005-CTT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CQT ETC-GS7000-CQT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CTT ETC-GS7000-CTT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
More results

유사한 설명 - GS7005-CTT

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com