전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLHG440 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 TLHG440
상세설명  Suitable for DC and high peak current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG440 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button TLHG440 Datasheet HTML 3Page - Vishay Siliconix TLHG440 Datasheet HTML 4Page - Vishay Siliconix TLHG440 Datasheet HTML 5Page - Vishay Siliconix TLHG440 Datasheet HTML 6Page - Vishay Siliconix TLHG440 Datasheet HTML 7Page - Vishay Siliconix TLHG440 Datasheet HTML 8Page - Vishay Siliconix TLHG440 Datasheet HTML 9Page - Vishay Siliconix TLHG440 Datasheet HTML 10Page - Vishay Siliconix TLHG440 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
7
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 15 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 16 - Relative Luminous Intensity vs.
Forward Current/Duty Cycle
Fig. 17 - Relative Luminous Intensity vs. Forward Current
Fig. 18 - Relative Intensity vs. Wavelength
Fig. 19 - Forward Current vs. Forward Voltage
Fig. 20 - Relative Luminous Intensity vs. Ambient Temperature
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature (°C)
yellow
I
F = 10 mA
yellow
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
p/T
2.0
yellow
IF - Forward Current (mA)
100
0.1
1
10
95 10033
10
1
0.01
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage (V)
green
t
p/T = 0.001
t
p = 10 µs
0
0.4
0.8
1.2
1.6
95 10035
green
I
F = 10 mA
Tamb - Ambient Temperature (°C)
20
40
60
80
0100


유사한 부품 번호 - TLHG440

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHG440 VISHAY-TLHG440 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG440. VISHAY-TLHG440. Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHG4400 VISHAY-TLHG4400 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHG4401 VISHAY-TLHG4401 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
More results

유사한 설명 - TLHG440

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLHF42U1V2-35 VISHAY-TLHF42U1V2-35 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHO42M1N2 VISHAY-TLHO42M1N2 Datasheet
108Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHY44K1L2 VISHAY-TLHY44K1L2 Datasheet
109Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
logo
Maxim Integrated Produc...
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com