전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ17A 데이터시트(PDF) 5 Page - StarHope

부품명 SMAJ17A
상세설명  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMAJ17A 데이터시트(HTML) 5 Page - StarHope

  SMAJ17A Datasheet HTML 1Page - StarHope SMAJ17A Datasheet HTML 2Page - StarHope SMAJ17A Datasheet HTML 3Page - StarHope SMAJ17A Datasheet HTML 4Page - StarHope SMAJ17A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 5 of 5
Marking Code
Tape And Reel Specification
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
P
Do not exceed
+150
+200
60-180secs
3
/sec.Max.
3
/sec.Max.
+217
60-150secs
+260(+0/-5)
30 secs.Max.
6
/sec.Max.
8 min.Max.
+260
Cathode Band
AE
****
Marking Code
Logo
Date Code
WE
****
Marking Code
Logo
Date Code
SMAJ(400W) Series
0.157
(4.0)
0.47
(12.0)
0.157
(4.0)
0.49
(12.4)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
SMAJ***
5000
330
EIA RS-481
13.0(330)
REV 2016 08 10


유사한 부품 번호 - SMAJ17A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMAJ17A LITTELFUSE-SMAJ17A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ17A YANGJIE-SMAJ17A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMAJ17A LEIDITECH-SMAJ17A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Cystech Electonics Corp...
SMAJ17A CYSTEKEC-SMAJ17A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMAJ17A

제조업체부품명데이터시트상세설명
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com