전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ24A 데이터시트(PDF) 2 Page - StarHope

부품명 SMAJ24A
상세설명  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMAJ24A 데이터시트(HTML) 2 Page - StarHope

  SMAJ24A Datasheet HTML 1Page - StarHope SMAJ24A Datasheet HTML 2Page - StarHope SMAJ24A Datasheet HTML 3Page - StarHope SMAJ24A Datasheet HTML 4Page - StarHope SMAJ24A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPSEMI
REV 2016 08 10
..
.
www.spsemi.cn
Page 2 of 5
Dimensions (DO-214AC)
SMAJ(400W) Series
Cathode Band
0.065 1.65
()
0.049 1.25
()
0.185(4.70)
0.157(3.99)
0.112(2.85)
0.094(2.40)
0.091(2.30)
0.075(1.90)
0.208 5.28
()
0.185 4.70
()
0.012 0.305
()
0.006 0.152
()
0.060 1.52
()
0.030 0.76
()
DO-214AC(SMA J-Bend)
Dimensions in inches and(millimeters)
0.008(0.203)MAX.
SMAJ5.0 A
SMAJ6.0A
SMAJ6.5A
SMAJ7.0A
SMAJ7.5A
SMAJ8.0A
SMAJ8.5A
SMAJ9.0A
SMAJ10A
SMAJ11A
SMAJ12A
SMAJ13A
SMAJ14A
SMAJ15A
SMAJ16A
SMAJ17A
SMAJ18A
SMAJ20A
SMAJ22A
SMAJ24A
SMAJ26A
SMAJ28A
SMAJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
*
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
SMAJ5.0C A
SMAJ6.0CA
SMAJ6.5CA
SMAJ7.0CA
SMAJ7.5CA
SMAJ8.0CA
SMAJ8.5CA
SMAJ9.0CA
SMAJ10CA
SMAJ11CA
SMAJ12CA
SMAJ13CA
SMAJ14CA
SMAJ15CA
SMAJ16CA
SMAJ17CA
SMAJ18CA
SMAJ20CA
SMAJ22CA
SMAJ24CA
SMAJ26CA
SMAJ28CA
AE
AG
AK
AM
AP
AR
AT
AV
AX
AZ
BE
BG
BK
BM
BP
BR
BT
BV
BX
BZ
CE
CG
WE
WG
WK
WM
WP
WR
WT
WV
WX
WZ
XE
XG
XK
XM
XP
XR
XT
XV
XY
XZ
YE
YG
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
22.0
24.0
26.0
28.0
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
22.20
24.40
26.70
28.90
31.10
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
24.50
26.90
29.50
31.90
34.40
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
32.4
35.5
38.9
42.1
45.4
43.5
38.8
35.7
33.3
31.0
29.4
27.8
26.0
23.5
22.0
20.1
18.6
17.2
16.4
15.4
14.5
13.7
12.3
11.3
10.3
9.5
8.8
500
500
300
200
100
50
20
10
5
1
1
1
1
1
1
1
1
1
1
1
1
1
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
*
**
*
*
*
μ


유사한 부품 번호 - SMAJ24A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMAJ24A LITTELFUSE-SMAJ24A Datasheet
3Mb / 146P
   TVS Diode Products
logo
SAMYANG ELECTRONICS CO....
SMAJ24A SAMYANG-SMAJ24A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Jiangsu High diode Semi...
SMAJ24A HDSEMI-SMAJ24A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
Jinan Gude Electronic D...
SMAJ24A JGD-SMAJ24A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ24A SOCAY-SMAJ24A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ24A

제조업체부품명데이터시트상세설명
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com