전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB20U 데이터시트(PDF) 2 Page - StarHope

부품명 TSB20U
상세설명  TSB(480W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSB20U 데이터시트(HTML) 2 Page - StarHope

  TSB20U Datasheet HTML 1Page - StarHope TSB20U Datasheet HTML 2Page - StarHope TSB20U Datasheet HTML 3Page - StarHope TSB20U Datasheet HTML 4Page - StarHope TSB20U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 2 of 5
Dimensions (DO-214AC)
TSB(480W) Series
Electrical Characteristics
TSB6.0U
TSB8.0U
TSB12U
TSB15U
TSB16U
TSB20U
TSB22U
TSB26U
TSB28U
TSB30U
TSB33U
TSB36U
TSB40U
TSB58U
TSB60U
TSB150U
TSB170U
TSB440U
T S B
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
VRWM(V)
VBR(V)Min.
VBR(V)Max.
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
IR(μA)
UNI-Polar
UNI
BI-Polar
BI
AG
AR
BE
BM
BP
BV
BX
CE
CG
CK
CM
CP
CR
RG
RK
SM
SR
TM
WG
WR
XE
XM
XP
XV
XY
YE
YG
YK
YM
YP
YR
ZG
ZK
VM
VR
UM
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
150.0
170.0
440.0
6.67
8.89
13.30
16.70
17.80
22.20
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
167.00
189.00
492.00
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
185.00
209.00
5
43.00
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
243.0
275.0
713.0
46.6
35.3
24.1
19.7
18.5
14.8
13.5
11.4
10.6
9.9
9.0
8.3
7.4
5.1
5.0
2.0
1.7
0.7
100
50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TSB6.0B
TSB8.0B
TSB12B
TSB15B
TSB16B
TSB20B
TSB22B
TSB26B
TSB28B
TSB30B
TSB33B
TSB36B
TSB40B
TSB58B
TSB60B
TSB150B
TSB170B
TSB440B
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
DO-214AC(SMA J-Bend)
Cathode Band
0.065 1.65
()
0.049 1.25
()
0.185(4.70)
0.157(3.99)
0.112(2.85)
0.094(2.40)
0.091(2.30)
0.075(1.90)
0.208 5.28
()
0.185 4.70
()
0.012 0.305
()
0.006 0.152
()
0.060 1.52
()
0.030 0.76
()
Dimensions in inches and(millimeters)
0.008(0.203)MAX.
REV 2017
..03 01
.


유사한 부품 번호 - TSB20U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TSB20 ETC1-TSB20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Bothhand USA, LP.
TSB20L BOTHHAND-TSB20L Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

유사한 설명 - TSB20U

제조업체부품명데이터시트상세설명
logo
Littelfuse
TSB LITTELFUSE-TSB Datasheet
563Kb / 2P
   Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Lapp.
19114000 LAPP-19114000 Datasheet
128Kb / 2P
   EPIC® H-B 24 TSB
17.09.2018
logo
Inventronics Inc.
DS-ESD-480SXXXDT INVENTRONICS-DS-ESD-480SXXXDT Datasheet
880Kb / 14P
   480W Programmable IP67 Driver
Rev. D
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
   480W Din Rail Mount
logo
Inventronics Inc.
DS-ESD-480SXXXDV INVENTRONICS-DS-ESD-480SXXXDV Datasheet
711Kb / 13P
   480W Programmable IP67 Driver
Rev. B
logo
Weidmuller
2838490000 WEIDMULLER-2838490000 Datasheet
745Kb / 5P
   PRO BAS 480W 48V 10A
logo
PHOENIX CONTACT
107888 PHOENIX-107888 Datasheet
815Kb / 28P
   UNO2-PS/1AC/24DC/480W
2020-02-14
logo
Weidmuller
2838480000 WEIDMULLER-2838480000 Datasheet
744Kb / 5P
   PRO BAS 480W 24V 20A
logo
PULS GmbH
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com