전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSD26U 데이터시트(PDF) 2 Page - StarHope

부품명 TSD26U
상세설명  TSD(1800W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSD26U 데이터시트(HTML) 2 Page - StarHope

  TSD26U Datasheet HTML 1Page - StarHope TSD26U Datasheet HTML 2Page - StarHope TSD26U Datasheet HTML 3Page - StarHope TSD26U Datasheet HTML 4Page - StarHope TSD26U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 2 of 5
Dimensions (DO-214AB)
TSD(1800W) Series
Electrical Characteristics
DO-214AB(SMC J-Bend)
TSD6.0U
TSD8.0U
TSD12U
TSD15U
TSD16U
TSD20U
TSD22U
TSD26U
TSD28U
TSD30U
TSD33U
TSD36U
TSD40U
TSD58U
TSD60U
TSD150U
TSD170U
T S D
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
VRWM(V)
VBR(V)Min.
VBR(V)Max.
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
IR(μA)
UNI-Polar
UNI
BI-Polar
BI
GDG
GDR
GEE
GEM
GEP
GEV
GEX
GFE
GFG
GFK
GFM
GFP
GFR
GGG
GGK
GHM
GHR
BDG
BDR
BEE
BEM
BEP
BEV
BEX
BFE
BFG
BFK
BFM
BFP
BFR
BGG
BGK
BHM
BHR
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
150.0
170.0
6.67
8.89
13.30
16.70
17.80
22.20
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
167.00
189.00
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
185.00
209.00
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
243.0
275.0
174.8
132.4
90.5
73.8
69.2
55.6
50.7
42.8
39.6
37.2
33.8
31.0
27.9
19.2
18.6
7.4
6.5
200
50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TSD6.0B
TSD8.0B
TSD12B
TSD15B
TSD16B
TSD20B
TSD22B
TSD26B
TSD28B
TSD30B
TSD33B
TSD36B
TSD40B
TSD58B
TSD60B
TSD150B
TSD170B
For bidirectional type having VWRM of 10 volts and less, the IR limit is double.
..
.
REV 2016 08 10
0.126 3.20
()
0.112 2.85
()
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.60)
Cathode Band
0.118(3.00)
0.081(2.06)
0.329 8.35
()
0.305 7.75
()
0.067 1.70
()
0.030 0.76
()
Dimensions in inches and(millimeters)
0.012 0.305
()
0.006 0.152
()
0.012(0.3)MAX.


유사한 부품 번호 - TSD26U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TSD2 ETC1-TSD2 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Littelfuse
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
   Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
logo
List of Unclassifed Man...
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
More results

유사한 설명 - TSD26U

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
logo
PHOENIX CONTACT
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
   Torque screwdriver - TSD 08 SAC
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
   Torque screwdriver - TSD 04 SAC
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
PHOENIX CONTACT
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
   Torque screwdriver - TSD 02 SAC
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
   Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
   Torque screwdriver - TSD 25 SAC
logo
Diodes Incorporated
D28V0H1U2P5Q DIODES-D28V0H1U2P5Q Datasheet
474Kb / 5P
   1800W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PHOENIX CONTACT
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
   Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
   Torque screwdriver - TSD-M 1,2NM
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com