전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3127DV 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI3127DV
상세설명  P-Channel 60 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3127DV 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI3127DV Datasheet HTML 1Page - Vishay Siliconix SI3127DV Datasheet HTML 2Page - Vishay Siliconix SI3127DV Datasheet HTML 3Page - Vishay Siliconix SI3127DV Datasheet HTML 4Page - Vishay Siliconix SI3127DV Datasheet HTML 5Page - Vishay Siliconix SI3127DV Datasheet HTML 6Page - Vishay Siliconix SI3127DV Datasheet HTML 7Page - Vishay Siliconix SI3127DV Datasheet HTML 8Page - Vishay Siliconix SI3127DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Si3127DV
www.vishay.com
Vishay Siliconix
S14-0767-Rev. A, 14-Apr-14
3
Document Number: 64282
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
0
0.6
1.2
1.8
2.4
3
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 10V thru 4.5V
V
GS = 3 V
0
0.05
0.1
0.15
0.2
0
5
10
15
20
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
5
10
15
20
25
Q
g - Total Gate Charge (nC)
V
DS = 48 V
V
DS = 30 V
V
DS = 15 V
I
D = 3.5 A
0
0.5
1
1.5
2
0
1
2
3
4
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
315
630
945
1260
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.95
1.3
1.65
2
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 10 V, 3.5A
V
GS = 4.5 V, 2.8 A
3.5A


유사한 부품 번호 - SI3127DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3127DV VISHAY-SI3127DV Datasheet
277Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI3127DV VISHAY-SI3127DV_V01 Datasheet
277Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI3127DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com