전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7485BST 데이터시트(PDF) 8 Page - AMIC Technology

부품명 AD7485BST
상세설명  1 MSPS, Serial 14-Bit SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AD7485BST 데이터시트(HTML) 8 Page - AMIC Technology

Back Button AD7485BST Datasheet HTML 4Page - AMIC Technology AD7485BST Datasheet HTML 5Page - AMIC Technology AD7485BST Datasheet HTML 6Page - AMIC Technology AD7485BST Datasheet HTML 7Page - AMIC Technology AD7485BST Datasheet HTML 8Page - AMIC Technology AD7485BST Datasheet HTML 9Page - AMIC Technology AD7485BST Datasheet HTML 10Page - AMIC Technology AD7485BST Datasheet HTML 11Page - AMIC Technology AD7485BST Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
–8–
AD7485
FREQUENCY – kHz
0
300
100
200
400
500
–40
0
–60
–80
–20
–120
–100
–140
fIN = 10.7kHz
SNR = 78.76dB
SNR + D = 78.70dB
THD = –97.10dB
TPC 7. 64k FFT Plot with 10 kHz Input Tone
FREQUENCY – kHz
–40
0
–60
–80
–20
–120
–100
–140
0
300
100
200
400
500
fIN = 507.3kHz
SNR = 78.35dB
SNR + D = 78.33dB
THD = –100.33dB
TPC 8. 64k FFT Plot with 500 kHz Input Tone
220
BIAS
VOLTAGE
1
2
3
4
5
6
7
8
AD8021
50
AC
SIGNAL
220
10pF
–VS
+VS
+
VIN
10pF
Figure 2. Analog Input Circuit Used for 500 kHz Input Tone
1
2
3
4
5
6
7
8
AD829
1k
1k
100
AC
SIGNAL
BIAS
VOLTAGE
150
220pF
–VS
+VS
+
VIN
Figure 1. Analog Input Circuit Used for 10 kHz Input Tone
Figure 1 shows the analog input circuit used to obtain the data
for the FFT plot shown in TPC 7. The circuit uses an Analog
Devices AD829 op amp as the input buffer. A bipolar analog
signal is applied as shown and biased up with a stable, low noise
dc voltage connected to the labeled terminal shown. A 220 pF
compensation capacitor is connected between Pin 5 of the AD829
and the analog ground plane. The AD829 is supplied with +12 V
and –12 V supplies. The supply pins are decoupled as close to
the device as possible, with both a 0.1
µF and 10 µF capacitor
connected to each pin. In each case, the 0.1
µF capacitor should be
the closer of the two capacitors to the device. More information
on the AD829 is available on the Analog Devices website.
For higher input bandwidth applications, Analog Devices’ AD8021
op amp (also available as a dual AD8022) is the recommended
choice to drive the AD7485. Figure 2 shows the analog input
circuit used to obtain the data for the FFT plot shown in TPC 8.
A bipolar analog signal is applied to the terminal shown and
biased with a stable, low noise dc voltage connected as shown. A
10 pF compensation capacitor is connected between Pin 5 of the
AD8021 and the negative supply. As with the previous circuit,
the AD8021 is supplied with +12 V and –12 V supplies. The
supply pins are decoupled as close to the device as possible with
both a 0.1
µF and 10 µF capacitor connected to each pin. In each
case, the 0.1
µF capacitor should be the closer of the two capaci-
tors to the device. The AD8021 Logic Reference pin is tied to
analog ground and the
DISABLE pin is tied to the positive sup-
ply as shown. Detailed information on the AD8021 is available
on the Analog Devices website.


유사한 부품 번호 - AD7485BST

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7485BSTZ AD-AD7485BSTZ Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
More results

유사한 설명 - AD7485BST

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
EVAL-AD7484 AD-EVAL-AD7484_15 Datasheet
1Mb / 20P
   Evaluation Board for 3 MSPS, 14-Bit SAR ADC
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com