전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR395AUJZ-REEL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADR395AUJZ-REEL7
상세설명  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR395AUJZ-REEL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADR395AUJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 13Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 14Page - Analog Devices ADR395AUJZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 11 of 20
TEMPERATURE (
°C)
0
40
10
20
80
110
125
25
5
10
15
20
50
Figure 15. ADR390 Line Regulation vs. Temperature
TEMPERATURE (
°C)
0
25
5
10
15
20
40
10
20
80
110
125
50
Figure 16. ADR391 Line Regulation vs. Temperature
TEMPERATURE
(
°C)
14
–40
–53065
125
10
6
2
0
4
100
12
8
VIN = 4.4V TO 15V
Figure 17. ADR392 Line Regulation vs. Temperature
TEMPERATURE
(
°C)
14
–40
–53065
125
10
6
2
0
4
100
12
8
VIN = 5.3V TO 15V
Figure 18. ADR395 Line Regulation vs. Temperature
LOAD CURRENT (mA)
3.0
2.0
01
234
2.6
2.4
2.2
–40
°C
+85
°C
+25
°C
5
2.8
+125
°C
Figure 19. ADR390 Minimum Input Voltage vs. Load Current
LOAD CURRENT (mA)
3.6
2.6
01
3.4
3.2
2.8
–40
°C
+85
°C
+25
°C
23
4
5
3.0
+125
°C
Figure 20. ADR391 Minimum Input Voltage vs. Load Current


유사한 부품 번호 - ADR395AUJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR395AUJZ-REEL7 AD-ADR395AUJZ-REEL7 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR395AUJZ-REEL71 AD-ADR395AUJZ-REEL71 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
More results

유사한 설명 - ADR395AUJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com