전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SQJQ410EL 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SQJQ410EL
부품 상세설명  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJQ410EL 데이터시트(HTML) 6 Page - Vishay Siliconix

  SQJQ410EL Datasheet HTML 1Page - Vishay Siliconix SQJQ410EL Datasheet HTML 2Page - Vishay Siliconix SQJQ410EL Datasheet HTML 3Page - Vishay Siliconix SQJQ410EL Datasheet HTML 4Page - Vishay Siliconix SQJQ410EL Datasheet HTML 5Page - Vishay Siliconix SQJQ410EL Datasheet HTML 6Page - Vishay Siliconix SQJQ410EL Datasheet HTML 7Page - Vishay Siliconix SQJQ410EL Datasheet HTML 8Page - Vishay Siliconix SQJQ410EL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 01-Jul-16
1
Document Number: 67144
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 8 x 8L
Ordering codes for the SQ rugged series power MOSFETs in the PowerPAK 8 x 8L package:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQJQ100EL
-
SQJQ100EL-T1_GE3
SQJQ402E
SQJQ402E-T1-GE3
SQJQ402E-T1_GE3
SQJQ410EL
-
SQJQ410EL-T1_GE3
SQJQ900E
-
SQJQ900E-T1_GE3


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn