전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SQJQ410EL 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SQJQ410EL
부품 상세설명  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJQ410EL 데이터시트(HTML) 7 Page - Vishay Siliconix

  SQJQ410EL Datasheet HTML 1Page - Vishay Siliconix SQJQ410EL Datasheet HTML 2Page - Vishay Siliconix SQJQ410EL Datasheet HTML 3Page - Vishay Siliconix SQJQ410EL Datasheet HTML 4Page - Vishay Siliconix SQJQ410EL Datasheet HTML 5Page - Vishay Siliconix SQJQ410EL Datasheet HTML 6Page - Vishay Siliconix SQJQ410EL Datasheet HTML 7Page - Vishay Siliconix SQJQ410EL Datasheet HTML 8Page - Vishay Siliconix SQJQ410EL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 06-Oct-14
1
Document Number: 67734
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 8 x 8L Case Outline
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.70
1.80
1.90
0.067
0.071
0.075
A1
0.00
0.08
0.13
0.000
0.003
0.005
A3
0.55
0.62
0.70
0.022
0.024
0.028
b
0.92
1.00
1.08
0.036
0.039
0.043
b1
1.02
1.10
1.18
0.040
0.043
0.046
b2
7.80
7.90
8.00
0.307
0.311
0.315
c
0.20
0.25
0.30
0.008
0.010
0.012
D
8.00
8.10
8.25
0.315
0.319
0.325
D1
7.80
7.90
8.00
0.307
0.311
0.315
D2
6.70
6.80
6.90
0.264
0.268
0.272
D3
2.85
2.95
3.05
0.112
0.116
0.120
D4
6.11
6.21
6.31
0.241
0.244
0.248
e1.95
2.00
2.05
0.077
0.079
0.081
E
7.90
8.00
8.10
0.311
0.315
0.319
E1
6.12
6.22
6.32
0.241
0.245
0.249
E2
3.94
4.04
4.14
0.140
0.159
0.163
E3
4.69
4.79
4.89
0.185
0.189
0.193
F
0.05
0.10
0.15
0.002
0.004
0.006
L
0.62
0.72
0.82
0.024
0.028
0.032
L1
0.92
1.07
1.22
0.036
0.042
0.048
K
0.80
0.90
1.00
0.031
0.035
0.039
W
0.30
0.40
0.50
0.012
0.016
0.020
W1
0.30
0.40
0.50
0.012
0.016
0.020
W2
4.39
4.49
4.59
0.173
0.177
0.181
W3
4.54
4.64
4.74
0.179
0.183
0.187
θ
10°
14°
10°
14°
θ1
3°8°
0°3°8°
C14-0891-Rev. A, 06-Oct-14
DWG: 6026
b
b1
e
b2
D1
D
A1
θ1
0.25 gauge line
Top view (single)
Bottom view (dual)
Bottom view (single)
θ
K
b2
b
b1
e
D1
D
Top view (dual)
D3
K
D3
D4
D2
D4


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn