전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SQJQ410EL 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SQJQ410EL
부품 상세설명  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJQ410EL 데이터시트(HTML) 3 Page - Vishay Siliconix

  SQJQ410EL Datasheet HTML 1Page - Vishay Siliconix SQJQ410EL Datasheet HTML 2Page - Vishay Siliconix SQJQ410EL Datasheet HTML 3Page - Vishay Siliconix SQJQ410EL Datasheet HTML 4Page - Vishay Siliconix SQJQ410EL Datasheet HTML 5Page - Vishay Siliconix SQJQ410EL Datasheet HTML 6Page - Vishay Siliconix SQJQ410EL Datasheet HTML 7Page - Vishay Siliconix SQJQ410EL Datasheet HTML 8Page - Vishay Siliconix SQJQ410EL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQJQ410EL
www.vishay.com
Vishay Siliconix
S16-1124-Rev. A, 13-Jun-16
3
Document Number: 76643
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
10
100
1000
10000
0
28
56
84
112
140
02468
10
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 4 V
V
GS = 3 V
10
100
1000
10000
0
30
60
90
120
150
0369
12
15
Axis Title
I
D - Drain Current (A)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
2500
5000
7500
10 000
0
20406080
100
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0
20
40
60
80
100
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0.000
0.002
0.004
0.006
0.008
0.010
020
40
60
80
100
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
20406080
100
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
I
D = 10 A
V
DS = 50 V


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn