전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRX14 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 CRX14
상세설명  Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CRX14 데이터시트(HTML) 1 Page - STMicroelectronics

  CRX14 Datasheet HTML 1Page - STMicroelectronics CRX14 Datasheet HTML 2Page - STMicroelectronics CRX14 Datasheet HTML 3Page - STMicroelectronics CRX14 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
DATA BRIEFING
June 2002
Complete data available under NDA.
CRX14
Low Cost 13.56MHz / I²C Short Range Contactless Coupler Chip
with anti-collision, CRC management and anti-clone function
FEATURES SUMMARY
s
Single 5V ±500mV Supply Voltage
s
SO16N package
s
External Oscillator
– 13.56MHz Quartz
– 32.768kHz Quartz with Frequency Multiplier
s
Contactless Communication
– 13.56MHz Carrier Frequency
– ISO 14443B - 2 Air Interface Compliant
– ISO 14443B - 3 Frame Format Compliant
– Support Frame Answer with/without SOF/
EOF
– CRC generation and check
– France
Telecom
Proprietary
Anti-Clone
Function
– Automated ST anti-collision exchange
s
I²C Communication
– Two Wire I²C Serial Interface
– Supports 400 kHz Protocol
– 3 Chip Enable pin
– Up to 8 CRX14 connected on the same bus
Figure 1. Packages
16
1
SO16 (MQ)
150 mil width


유사한 부품 번호 - CRX14

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14-MQ STMICROELECTRONICS-CRX14-MQ Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14-MQP STMICROELECTRONICS-CRX14-MQP Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
More results

유사한 설명 - CRX14

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
CR14 STMICROELECTRONICS-CR14 Datasheet
349Kb / 46P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision and CRC management
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
   13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
SRIX4K STMICROELECTRONICS-SRIX4K_07 Datasheet
482Kb / 50P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
SRIX4K STMICROELECTRONICS-SRIX4K_08 Datasheet
401Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
logo
ATMEL Corporation
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com