전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD717LT1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMBD717LT1G
상세설명  Common Anode Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD717LT1G 데이터시트(HTML) 1 Page - ON Semiconductor

  MMBD717LT1G Datasheet HTML 1Page - ON Semiconductor MMBD717LT1G Datasheet HTML 2Page - ON Semiconductor MMBD717LT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2011
December, 2011 − Rev. 9
1
Publication Order Number:
MMBD717LT1/D
MMBD717LT1G
Common Anode
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
Extremely Fast Switching Speed
Extremely Low Forward Voltage − 0.28 V (Typ) @ IF = 1 mAdc
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
20
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25°C
PF
200
1.6
mW
mW/°C
Operating Junction Temperature Range
TJ
−55 to +150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Rating
Symbol
Min
Typ Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
20
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
2.0
2.5
PF
Reverse Leakage (VR = 10 V)
(For each individual diode while
the second diode is unbiased)
IR
0.05
1.0
mAdc
Forward Voltage (IF = 1.0 mAdc)
VF
0.28 0.37
Vdc
http://onsemi.com
SC−70 / SOT−323
CASE 419
STYLE 4
MARKING DIAGRAM
ANODE
3
CATHODE
1
2
CATHODE
20 VOLT
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODES
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
B3 M G
G
B3 = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
MMBD717LT1G
SC−70
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
1


유사한 부품 번호 - MMBD717LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
More results

유사한 설명 - MMBD717LT1G

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD717W PANJIT-MMBD717W Datasheet
126Kb / 3P
   COMMON ANODE SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAS40-06LT1 ONSEMI-BAS40-06LT1 Datasheet
52Kb / 3P
   Common Anode Schottky Barrier Diodes
March, 2006 ??Rev. 6
BAS40-06LT1G ONSEMI-BAS40-06LT1G Datasheet
78Kb / 3P
   Common Anode Schottky Barrier Diodes
October, 2016 ??Rev. 9
logo
Motorola, Inc
MMBD717LT1 MOTOROLA-MMBD717LT1 Datasheet
76Kb / 4P
   Common Anode Schottky Barrier Diodes
logo
ON Semiconductor
MMBD717LT1 ONSEMI-MMBD717LT1 Datasheet
57Kb / 8P
   Common Anode Schottky Barrier Diodes
November, 2001 ??Rev. 6
SBAS40-06LT1G ONSEMI-SBAS40-06LT1G Datasheet
127Kb / 3P
   Common Anode Schottky Common Anode Schottky
November, 2011 ??Rev. 8
logo
Thinki Semiconductor Co...
MBR1045CA THINKISEMI-MBR1045CA Datasheet
747Kb / 2P
   10.0 Ampere Dual Common Anode Schottky Barrier Rectifier Diodes
MBR2045CA THINKISEMI-MBR2045CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
logo
Nihon Inter Electronics...
F10P40FR NIEC-F10P40FR Datasheet
31Kb / 2P
   FRD DUAL DIODES - ANODE COMMON
logo
Thinki Semiconductor Co...
MBR2035CA THINKISEMI-MBR2035CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com