전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16H 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BAS16H
상세설명  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16H 데이터시트(HTML) 1 Page - ON Semiconductor

  BAS16H Datasheet HTML 1Page - ON Semiconductor BAS16H Datasheet HTML 2Page - ON Semiconductor BAS16H Datasheet HTML 3Page - ON Semiconductor BAS16H Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2016 − Rev. 12
1
Publication Order Number:
BAS16HT1/D
BAS16H, SBAS16H
Switching Diode
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
100
Vdc
Peak Forward Current
IF
200
mAdc
Non−Repetitive Peak Forward Surge
Current, 60 Hz
IFSM(surge)
500
mAdc
Repetitive Peak Forward Current
(Note 2)
IFRM
1.0
A
Non−Repetitive Peak Forward Current
(Square Wave, TJ = 25°C prior to
surge)
t = 1
ms
t = 10
ms
t = 100
ms
t = 1 ms
t = 1 s
IFSM
36.0
18.0
6.0
3.0
0.7
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
(Note 1)
TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
150
°C
1. FR-4 Minimum Pad.
2. Square Wave, f = 40 kHz, PW = 200 ns
Test Duration = 60 s, TJ = 25°C prior to surge.
www.onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
1
CATHODE
2
ANODE
A6
= Specific Device Code
M
= Date Code
Device
Package
Shipping†
ORDERING INFORMATION
BAS16HT1G
SOD−323
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
A6 M
SBAS16HT1G
SOD−323
(Pb−Free)
3000 /T ape & Reel
BAS16HT3G
SOD−323
(Pb−Free)
10000 / Tape & Reel
SBAS16HT3G
SOD−323
(Pb−Free)
10000 / Tape & Reel


유사한 부품 번호 - BAS16H

제조업체부품명데이터시트상세설명
logo
Weitron Technology
BAS16H WEITRON-BAS16H Datasheet
241Kb / 4P
   Surface Mount Switching Diode
logo
Microdiode Electronics ...
BAS16H CHENDA-BAS16H Datasheet
342Kb / 3P
   Surface Mount Swit ching Diodes
logo
NXP Semiconductors
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
   High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
logo
Diode Semiconductor Kor...
BAS16H DSK-BAS16H Datasheet
251Kb / 3P
   Surface Mount Switching Diodes
logo
NXP Semiconductors
BAS16H NXP-BAS16H Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

유사한 설명 - BAS16H

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com