전자부품 데이터시트 검색엔진 |
|
DZ23C13 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
DZ23C13 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 7 page DZ23-Series www.vishay.com Vishay Semiconductors Rev. 2.0, 08-Nov-16 1 Document Number: 85765 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes, Dual FEATURES • Dual silicon planar Zener diodes, common cathode • The Zener voltages are graded according to the international E24 standard. Standard Zener voltage tolerance is ± 5 %. • The parameters are valid for both diodes in one case. V Z and Rzj of the two diodes in one case is 5 % • AEC-Q101 qualified available • ESD capability according to AEC-Q101: Human body model > 8 kV Machine model > 800 V • Base P/N-E3 - RoHS-compliant, commercial grade • Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.7 to 51 V Test current IZT 5mA VZ specification Pulse current Int. construction Dual common cathode 1 3 2 Available ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY DZ23-series DZ23C2V7-E3-08 to DZ23C51-E3-08 3000 (8 mm tape on 7" reel) 15 000 DZ23C2V7-HE3-08 to DZ23C51-HE3-08 DZ23C2V7-E3-18 to DZ23C51-E3-18 10 000 (8 mm tape on 13" reel) 10 000 DZ23C2V7-HE3-18 to DZ23C51-HE3-18 PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS SOT-23 8.8 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation Device on fiberglass substrate, see layout on page 6 Ptot 300 mW Thermal resistance, junction to ambient air Device on fiberglass substrate, see layout on page 6 RthJA 420 K/W Junction temperature Tj 150 °C Storage temperature range Tstg -65 to +150 °C Operating temperature range Top -55 to +150 °C Zener current IZ Ptot/VZ mA |
유사한 부품 번호 - DZ23C13 |
|
유사한 설명 - DZ23C13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |