전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C7V5LT1G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BZX84C7V5LT1G
상세설명  Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C7V5LT1G 데이터시트(HTML) 3 Page - ON Semiconductor

  BZX84C7V5LT1G Datasheet HTML 1Page - ON Semiconductor BZX84C7V5LT1G Datasheet HTML 2Page - ON Semiconductor BZX84C7V5LT1G Datasheet HTML 3Page - ON Semiconductor BZX84C7V5LT1G Datasheet HTML 4Page - ON Semiconductor BZX84C7V5LT1G Datasheet HTML 5Page - ON Semiconductor BZX84C7V5LT1G Datasheet HTML 6Page - ON Semiconductor BZX84C7V5LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZX84BxxxLT1G, BZX84CxxxLT1G Series, SZBZX84BxxxLT1G, SZBZX84CxxxLT1G
Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS − BZX84CxxxLT1 SERIES (STANDARD TOLERANCE)
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
(Devices listed in bold, italic are ON Semiconductor Preferred devices.)
Device*
Device
Marking
VZ1 (Volts)
@IZT1 =5mA
(Note 3)
ZZT1
(
W)
@ IZT1 =
5 mA
VZ2 (V)
@IZT2 =1mA
(Note 3)
ZZT2
(
W)
@ IZT2 =
1 mA
VZ3 (V)
@IZT3 =20mA
(Note 3)
ZZT3
(
W)
@ IZT3 =
20 mA
Max Reverse
Leakage
Current
qVZ
(mV/k)
@ IZT1 = 5 mA
C (pF)
@ VR = 0
f = 1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
Volts
IR
mA
@
Min
Max
BZX84C2V4LT1G
Z11
2.2
2.4
2.6
100
1.7
2.1
600
2.6
3.2
50
50
1
−3.5
0
450
BZX84C2V7LT1G
Z12
2.5
2.7
2.9
100
1.9
2.4
600
3
3.6
50
20
1
−3.5
0
450
BZX84C3V0LT1G
Z13
2.8
3
3.2
95
2.1
2.7
600
3.3
3.9
50
10
1
−3.5
0
450
BZX84C3V3LT1G
Z14
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5
1
−3.5
0
450
BZX84C3V6LT1G
Z15
3.4
3.6
3.8
90
2.7
3.3
600
3.9
4.5
40
5
1
−3.5
0
450
BZX84C3V9LT1G
Z16
3.7
3.9
4.1
90
2.9
3.5
600
4.1
4.7
30
3
1
−3.5
−2.5
450
BZX84C4V3LT1G
W9
4
4.3
4.6
90
3.3
4
600
4.4
5.1
30
3
1
−3.5
0
450
BZX84C4V7LT1/T3G
Z1
4.4
4.7
5
80
3.7
4.7
500
4.5
5.4
15
3
2
−3.5
0.2
260
BZX84C5V1LT1/T3G
Z2
4.8
5.1
5.4
60
4.2
5.3
480
5
5.9
15
2
2
−2.7
1.2
225
BZX84C5V6LT1/T3G
Z3
5.2
5.6
6
40
4.8
6
400
5.2
6.3
10
1
2
−2.0
2.5
200
BZX84C6V2LT1/T3G
Z4
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3
4
0.4
3.7
185
BZX84C6V8LT1/T3G
Z5
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2
4
1.2
4.5
155
BZX84C7V5LT1G
Z6
7
7.5
7.9
15
6.9
7.9
80
7
8
6
1
5
2.5
5.3
140
BZX84C8V2LT1G
Z7
7.7
8.2
8.7
15
7.6
8.7
80
7.7
8.8
6
0.7
5
3.2
6.2
135
BZX84C9V1LT1/T3G
Z8
8.5
9.1
9.6
15
8.4
9.6
100
8.5
9.7
8
0.5
6
3.8
7.0
130
BZX84C10LT1G
Z9
9.4
10
10.6
20
9.3
10.6
150
9.4
10.7
10
0.2
7
4.5
8.0
130
BZX84C11LT1G
Y1
10.4
11
11.6
20
10.2
11.6
150
10.4
11.8
10
0.1
8
5.4
9.0
130
BZX84C12LT1G
Y2
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8
6.0
10.0
130
BZX84C13LT1G
Y3
12.4
13
14.1
30
12.3
14
170
12.5
14.2
15
0.1
8
7.0
11.0
120
BZX84C15LT1/T3G
Y4
13.8
15
15.6
30
13.7
15.5
200
13.9
15.7
20
0.05
10.5
9.2
13.0
110
BZX84C16LT1G
Y5
15.3
16
17.1
40
15.2
17
200
15.4
17.2
20
0.05
11.2
10.4
14.0
105
BZX84C18LT1/T3G
Y6
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
12.4
16.0
100
BZX84C20LT1G
Y7
18.8
20
21.2
55
18.7
21.1
225
18.9
21.4
20
0.05
14
14.4
18.0
85
BZX84C22LT1G
Y8
20.8
22
23.3
55
20.7
23.2
250
20.9
23.4
25
0.05
15.4
16.4
20.0
85
BZX84C24LT1G
Y9
22.8
24
25.6
70
22.7
25.5
250
22.9
25.7
25
0.05
16.8
18.4
22.0
80
Device*
Device
Marking
VZ1 Below
@IZT1 =2mA
ZZT1
Below
@ IZT1 =
2 mA
VZ2 Below
@IZT2 = 0.1 m-
A
ZZT2
Below
@ IZT4 =
0.5 mA
VZ3 Below
@IZT3 =10mA
ZZT3
Below
@ IZT3 =
10 mA
Max Reverse
Leakage
Current
qVZ
(mV/k) Below
@ IZT1 = 2 mA
C (pF)
@ VR = 0
f = 1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
(V)
IR
mA
@
Min
Max
BZX84C27LT1G
Y10
25.1
27
28.9
80
25
28.9
300
25.2
29.3
45
0.05
18.9
21.4
25.3
70
BZX84C30LT1G
Y11
28
30
32
80
27.8
32
300
28.1
32.4
50
0.05
21
24.4
29.4
70
BZX84C33LT1/T3G
Y12
31
33
35
80
30.8
35
325
31.1
35.4
55
0.05
23.1
27.4
33.4
70
BZX84C36LT1G
Y13
34
36
38
90
33.8
38
350
34.1
38.4
60
0.05
25.2
30.4
37.4
70
BZX84C39LT1G
Y14
37
39
41
130
36.7
41
350
37.1
41.5
70
0.05
27.3
33.4
41.2
45
BZX84C43LT1G
Y15
40
43
46
150
39.7
46
375
40.1
46.5
80
0.05
30.1
37.6
46.6
40
BZX84C47LT1G
Y16
44
47
50
170
43.7
50
375
44.1
50.5
90
0.05
32.9
42.0
51.8
40
BZX84C51LT1G
Y17
48
51
54
180
47.6
54
400
48.1
54.6
100
0.05
35.7
46.6
57.2
40
BZX84C56LT1G
Y18
52
56
60
200
51.5
60
425
52.1
60.8
110
0.05
39.2
52.2
63.8
40
BZX84C62LT1G
Y19
58
62
66
215
57.4
66
450
58.2
67
120
0.05
43.4
58.8
71.6
35
BZX84C68LT1G
Y20
64
68
72
240
63.4
72
475
64.2
73.2
130
0.05
47.6
65.6
79.8
35
BZX84C75LT1G
Y21
70
75
79
255
69.4
79
500
70.3
80.2
140
0.05
52.5
73.4
88.6
35
3. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Includes SZ-prefix devices where applicable.


유사한 부품 번호 - BZX84C7V5LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BZX84C7V5LT1G ONSEMI-BZX84C7V5LT1G Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
BZX84C7V5LT1G ONSEMI-BZX84C7V5LT1G Datasheet
142Kb / 7P
   Zener Voltage Regulators
May, 2013 ??Rev. 17
BZX84C7V5LT1G ONSEMI-BZX84C7V5LT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results

유사한 설명 - BZX84C7V5LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com