전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW.26.0111 데이터시트(PDF) 10 Page - Taoglas antenna solutions

부품명 GW.26.0111
상세설명  ROHS Compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GW.26.0111 데이터시트(HTML) 10 Page - Taoglas antenna solutions

Back Button GW.26.0111 Datasheet HTML 5Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 6Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 7Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 8Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 9Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 10Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 11Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 12Page - Taoglas antenna solutions GW.26.0111 Datasheet HTML 13Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SPE-11-8-035/I/SS
Page 10 of 13
4.7
Antenna pattern (YZ plane)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2420MHz
2440MHz
2460MHz
2480MHz
2500MHz


유사한 부품 번호 - GW.26.0111

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
GW.26.0111.HT TAOGLAS-GW.26.0111.HT Datasheet
673Kb / 13P
   ROHS Compliant
More results

유사한 설명 - GW.26.0111

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com