전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA.02 데이터시트(PDF) 1 Page - Taoglas antenna solutions

부품명 LA.02
상세설명  Components can be mounted on opposite side of
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA.02 데이터시트(HTML) 1 Page - Taoglas antenna solutions

  LA.02 Datasheet HTML 1Page - Taoglas antenna solutions LA.02 Datasheet HTML 2Page - Taoglas antenna solutions LA.02 Datasheet HTML 3Page - Taoglas antenna solutions LA.02 Datasheet HTML 4Page - Taoglas antenna solutions LA.02 Datasheet HTML 5Page - Taoglas antenna solutions LA.02 Datasheet HTML 6Page - Taoglas antenna solutions LA.02 Datasheet HTML 7Page - Taoglas antenna solutions LA.02 Datasheet HTML 8Page - Taoglas antenna solutions LA.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SPE-15-8-040/B/WY
Page 1 of 20
SPECIFICATION
Part No.
:
LA.02
Model
:
2.4GHz
Embedded Loop Chip Antenna
Description
:
1dBi 2400MHz to 2500MHz
Wi-Fi/Bluetooth/Bluetooth LE/ ZigBee
Features
:
8*2*2mm Ceramic Antenna
Surface Mount
Low Profile
Peak gain 1dBi
50 Ohm Impedance
Components can be mounted on opposite side of
board to the antenna
RoHS


유사한 설명 - LA.02

제조업체부품명데이터시트상세설명
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
   Snap-in type, can be mounted directly on P.C.B Board.
logo
PHOENIX CONTACT
1025465 PHOENIX-1025465 Datasheet
68Kb / 4P
   Can be labeled on every level
logo
KODENSHI_AUK CORP.
HL615 KODENSHI-HL615 Datasheet
197Kb / 3P
   Available to be mounted on the PCB backside
HPI615 KODENSHI-HPI615 Datasheet
197Kb / 3P
   Available to be mounted on the PCB backside
ML615 KODENSHI-ML615 Datasheet
184Kb / 3P
   Available to be mounted on the PCB backside
EL615 KODENSHI-EL615 Datasheet
580Kb / 3P
   available to be mounted on the pcb backside
logo
Rohm
UDZS15B ROHM-UDZS15B_12 Datasheet
159Kb / 5P
   Zener diode Can be mounted automatically, using chip mounter.
UDZSTE-176.2B ROHM-UDZSTE-176.2B Datasheet
158Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZSTE-1712B ROHM-UDZSTE-1712B Datasheet
159Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZSTE-1718B ROHM-UDZSTE-1718B Datasheet
158Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com