전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-N305 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-N305
상세설명  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-N305 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-N305 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-N305 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
H
13.8
27.6
I
22.0
44.0
J
35.2
70.4
K
56.4
112.8
L
90.2
180.4
M
138.0
276.0
N
200.0
400.0
O
290.0
580.0
Red/Orange
P
500.0
1000.0
/Red-Orange
Q
700.0
1400.0
R
1000.0
2000.0
S
1400.0
2800.0
T
2000.0
4000.0
U
2900.0
5800.0
V
4200.0
8400.0
W
6000.0
12000.0
X
8700.0
17400.0
Y
12600.0
25200.0
Z
18200.0
36400.0
G
14.7
29.4
H
23.5
47.0
I
37.6
75.2
J
60.1
120.2
K
96.2
192.4
L
147.0
294.0
M
212.0
424.0
Yellow/Amber
N
300.0
600.0
O
450.0
900.0
P
700.0
1400.0
Q
1000.0
2000.0
R
1600.0
3200.0
S
2600.0
5200.0
T
4000.0
8000.0
U
6500.0
13000.0
V
10000.0
20000.0
W
16000.0
30000.0
Maximum tolerance for each bin limit is ±18%.
Amber Color Bin Limits
(nm at 20 mA)
Bin Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Tolerance for each bin limit is ±0.5 nm.


유사한 부품 번호 - HLMP-N305

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
HLMP-NH04 HP-HLMP-NH04 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
HLMP-NL06 HP-HLMP-NL06 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NM31 AVAGO-HLMP-NM31 Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
HLMP-NM31 AVAGO-HLMP-NM31 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
More results

유사한 설명 - HLMP-N305

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com