전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-NG0x 데이터시트(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-NG0x
상세설명  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG0x 데이터시트(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-NG0x Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Recommended Assembly Condition
• A single-sided phenolic printed circuit board (PCB) is
preferred. Double-sided PCB and other materials may
cause greater lead stress. Recommended through-
hole diameter is 0.98 to 1.08 mm. Leadlength below
the PCB should be 1.5 to 2.0 mm, and the clinching
angle (angle between the lead and PCB) should be 30
±10 degrees.
• If SMT devices and an adhesive are used on the same
pcb as these lamps, the adhesive should be cured
before the lamps are auto-inserted. If curing must
be
done
after
lamp
insertion,
the
cure
temperature and time should not exceed 140°C,
100 seconds. This is the temperature of the surface
normal to the IR source.
TAPE & REEL (for option #002 only)
AMMO PACK (for All options except #002)
Package Options
Lead Option
Ammo Pack
Tape & Reel
(1000 pcs.)
(2000 pcs.)
Straight Lead
#2C —
#002
Formed Lead
#2U —
REELING ORIENTATION
CLOCKWISE
ADHESIVE TAPE MUST BE
FACING TOWARDS THE
OUTSIDE OF THE REEL.
ANODE LEAD LEAVES
THE REEL FIRST.
PROTECTIVE
CARDBOARD
110 (4.33) DIA.
336 (13.23) DIA.
DIMENSIONS IN MILLIMETERS (INCHES).


유사한 부품 번호 - HLMP-NG0x

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

유사한 설명 - HLMP-NG0x

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com