전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14071BFEL 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC14071BFEL
상세설명  B-SUFFIX SERIES CMOS GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14071BFEL 데이터시트(HTML) 2 Page - ON Semiconductor

  MC14071BFEL Datasheet HTML 1Page - ON Semiconductor MC14071BFEL Datasheet HTML 2Page - ON Semiconductor MC14071BFEL Datasheet HTML 3Page - ON Semiconductor MC14071BFEL Datasheet HTML 4Page - ON Semiconductor MC14071BFEL Datasheet HTML 5Page - ON Semiconductor MC14071BFEL Datasheet HTML 6Page - ON Semiconductor MC14071BFEL Datasheet HTML 7Page - ON Semiconductor MC14071BFEL Datasheet HTML 8Page - ON Semiconductor MC14071BFEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC14001B Series
http://onsemi.com
2
LOGIC DIAGRAMS
1
2
5
6
8
9
12
13
3
4
10
11
1
2
5
6
8
9
12
13
3
4
10
11
1
2
5
6
8
9
12
13
3
4
10
11
1
2
5
6
8
9
12
13
3
4
10
11
1
2
9
8
3
4
6
5
11
12
10
13
1
2
9
8
3
4
6
5
11
12
10
13
1
2
9
8
3
4
6
5
11
12
10
13
1
13
3
4
5
2
10
11
12
9
NC = 6, 8
VDD = PIN 14
VSS = PIN 7
FOR ALL DEVICES
NOR
MC14001B
Quad 2−Input NOR Gate
MC14025B
Triple 3−Input NOR Gate
MC14023B
Triple 3−Input NAND Gate
NAND
MC14011B
Quad 2−Input NAND Gate
OR
MC14071B
Quad 2−Input OR Gate
AND
MC14081B
Quad 2−Input AND Gate
MC14073B
Triple 3−Input AND Gate
MC14082B
Dual 4−Input AND Gate
PIN ASSIGNMENTS
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
NC = NO CONNECTION
MC14023B
Triple 3−Input NAND Gate
MC14001B
Quad 2−Input NOR Gate
MC14011B
Quad 2−Input NAND Gate
MC14082B
Dual 4−Input AND Gate
MC14081B
Quad 2−Input AND Gate
MC14025B
Triple 3−Input NOR Gate
MC14071B
Quad 2−Input OR Gate
MC14073B
Triple 3−Input AND Gate


유사한 부품 번호 - MC14071BFEL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14071BFEL ONSEMI-MC14071BFEL Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14071BFELG ONSEMI-MC14071BFELG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

유사한 설명 - MC14071BFEL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com