전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW.43.B.SMA.M 데이터시트(PDF) 2 Page - Taoglas antenna solutions

부품명 FW.43.B.SMA.M
상세설명  Designed for Outdoor Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.43.B.SMA.M 데이터시트(HTML) 2 Page - Taoglas antenna solutions

  FW.43.B.SMA.M Datasheet HTML 1Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 2Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 3Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 4Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 5Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 6Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 7Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 8Page - Taoglas antenna solutions FW.43.B.SMA.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP-15-8-SPE-16-8-004/B/WY
Page 2 of 12
1. Introduction
The FW.43 is a flexible 433MHz whip antenna with a SMA type (M) connector for
outdoor use. It features excellent efficiency (>60%) and peak gain (>0 dBi) at
433MHz on a 30x30 cm ground plane.
Common applications are wireless sensor monitoring, smart metering, remote
asset monitoring, and security systems.
The FW.43 has an excellent omnidirectional radiation pattern, ensuring wide
coverage. The antenna’s high efficiency means that it allows your radio to
consume less power than with a lower efficiency antenna when transferring data.
It also means a better signal strength and better sensitivity in areas of low signal
levels. The antenna performs at its best while attached to a ground plane with
dimensions of at least 30x30 cm
The FW.43 whip is made of a flexible inner steel core covered by PE so it is
extremely resistant to abrasion and maintains its original shape and RF
performance even after shock. This rugged design and IP67 waterproof rating on
the housing ensure high reliability.
This antenna comes with SMA(M) connector as standard. Other custom variants
can be provided subject to NRE and MOQ. Contact your regional Taoglas office for
details.


유사한 부품 번호 - FW.43.B.SMA.M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW.43.B.SMA-.M ETC2-FW.43.B.SMA-.M Datasheet
3Mb / 11P
   External ISM Band 433MHz
More results

유사한 설명 - FW.43.B.SMA.M

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
AUREL S.p.A.
650200596G AUREL-650200596G Datasheet
253Kb / 1P
   Vertical Antenna for Outdoor use
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
   Rugged Design for Outdoor Use
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
   Waterproof Connectors for Outdoor Use
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
   Water-Blocked for Indoor/Outdoor Use
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
   Designed for use in pager applications
SEPT 04
logo
Panasonic Semiconductor
LNQ15001 PANASONIC-LNQ15001 Datasheet
76Kb / 1P
   FULL COLOR LED LAMP FOR OUTDOOR USE
LNQ70502 PANASONIC-LNQ70502 Datasheet
86Kb / 1P
   FULL COLOR LED LAMP FOR OUTDOOR USE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com