전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-800J 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-800J
상세설명  Under-Voltage Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-800J 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-800J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Electrical Specifications (Cont.)
Unless otherwise noted, for sinusoidal waveform input and reference resistor R
ref = 24 k, all typical values are at TA =
25°C, V
CC1 = 5 V, VCC2 = 5 V; all Minimum/Maximum specifications are at Recommended Operating Conditions.
Receiver
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Fig.
Note
Input Impedance
Z
I, Rx
4
k
V
Tx-en = 0 V, f = 132 kHz
Output Impedance (Rx-PD-out)
Z
O, RxPD
30
W
V
Tx-en = 0 V, f = 132 kHz
Input Referred Noise
V
nr
25
nV/
V
Tx-en = 0 V, VRx-in = 0 VPP
Bandwidth (Rx-PD-out)
BW
RxPD
500
kHz
V
Tx-en = 0 V
Gain
G
R1
20
dB
V
Tx-en = 0 V, VRx-in = 0.05 VPP, f
= 132 kHz
17
Set-up Time (Rx-PD-out)
t
s, Rx
10
ms
V
Tx-en = 0 V, f = 132 kHz
Total Harmonic Distortion
(Rx-PD-out)
THD
RxPD
-38
dB
V
Tx-en = 0 V, VRx-in = 0.01 VPP, f
= 132 kHz
Receiver Output Amplifier (RxAMP)
DC Biased Voltage
V
Bias, Rx
2.27
V
Output Impedance
Z
O, RxA
20
W
V
Tx-en = 0 V, f = 132 kHz
Total Harmonic Distortion
(Rx-out)
THD
Rx
-60
dB
V
Tx-en = 0 V, f = 132 kHz,
V
Rx-Amp-in = 0.5 VPP ,
Gain = - 4,
feedback resistor 20 k
Gain Bandwidth Product
GBW
RxA
28
MHz
V
Tx-en = 0 V, f = 132 kHz,
V
Rx-in = 0.1 VPP, GR2 = - 20,
feedback resistor 20 k
18
Hz


유사한 부품 번호 - HCPL-800J

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-8100 HP-HCPL-8100 Datasheet
266Kb / 11P
   High Current Line Driver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
   High Current Line Driver
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
   PLC Powerline DAA IC
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
More results

유사한 설명 - HCPL-800J

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS31LT3135V1 ISSI-IS31LT3135V1 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
logo
Asahi Kasei Microsystem...
AP1163 AKM-AP1163 Datasheet
788Kb / 16P
   1000mA LDO Regulator with Over/Under Voltage Detection Function
AP1161 AKM-AP1161 Datasheet
835Kb / 16P
   300mA LDO Regulator with Over/Under Voltage Detection Function
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com