전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-ED80-K0T00 데이터시트(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-ED80-K0T00
상세설명  Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80-K0T00 데이터시트(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80-K0T00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-K0T00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage 
  Ed80-xx0xx 
VF
2.00 
2.40 
V 
IF = 20 mA 
  Ed80-xxTxx 
2.35 
2.60
Reverse Voltage 
VR
5 
20 
V 
IR = 100 µA
Peak Wavelength 
λPEAK
639 
nm 
Peak of Wavelength of Spectral 
     
distribution at IF = 20 mA
dominant Wavelength [1]
λd
630 
nm 
Spectral Halfwidth 
∆λ1/2
17 
nm 
Wavelength Width at Spectral 
   
distribution 1/2 Power Point at 
   
IF = 20 mA
Speed of Response 
τs
20 
ns 
Exponential Time Constant, e-t/τs
Capacitance 
C 
40 
pF 
VF = 0, f = 1 MHz
Thermal Resistance 
J-PIN
240 
°C/W 
LEd Junction-to-Cathode Lead
Luminous Efficacy [5] 
ηv 
155 
lm/W 
Emitted Luminous Power/Emitted 
   
Radiant Power at IF = 20 mA
Viewing Angle [2]
2 θ1/2
30 
deg.
Radiometric Intensity [3,4]
Ie
7.23 
50.50 
mW/sr 
Emitted Radiant Power at IF = 20 mA 
Notes:
1.  dominant wavelength, ld, is derived from the CIE Chromaticity diagram referenced to Illuminant E.
2.  θ1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
3.  The radiometric intensity is measured on the mechanical axis of the lamp package.
4.  The optical axis is closely aligned with the package mechanical axis.
5.  The luminous intensity, Iv, in candelas, may be found from the equation Iv = Ieηv, where Ie is the radiometric intensity in watts per steradian and ηv
is the luminous efficacy in lumens/watt.
6.  For option -xxTxx, max. forward votage (Vf) is 2.6 V. Refer to Vf bin table.
Figure 1. Relative Intensity vs. Peak Wavelength.
Figure 2a. Forward Current vs. Forward Voltage
for Option -xx0xx.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
RED
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
70
80
90


유사한 부품 번호 - HLMP-ED80-K0T00

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80-PS000 AVAGO-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
HLMP-ED80-PS000 BOARDCOM-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80-XX000 AVAGO-HLMP-ED80-XX000 Datasheet
588Kb / 40P
   Optical Mouse Sensor
More results

유사한 설명 - HLMP-ED80-K0T00

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-WLXX HP-HLMP-WLXX Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com