전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-KA45-E0000 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-KA45-E0000
상세설명  T-1 (3 mm) High Intensity InGaN Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-KA45-E0000 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-KA45-E0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45-E0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45-E0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45-E0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45-E0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45-E0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45-E0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Device Selection Guide
Part Number
Color and Dominant
Wavelength
λd (nm)
Typ.
Luminous Intensity
Iv (mcd) at 20 mA
Min.
Luminous Intensity
Iv (mcd) at 20 mA
Max.
HLMP-KA45-E0000
Blue 470
85
HLMP-KA45-J0000
Blue 470
240
HLMP-KA45-NQ000
Blue 470
680
1500
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Electrical /Optical Characteristics Table at TA = 25 °C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
2.8
3.2
3.8
V
IF = 20 mA
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θJ-PIN
465
°C/W
LED Junction-to-Cathode Lead
Viewing Angle
2
θ1/2
50
deg
Dominant Wavelength
λd
470
nm
IF = 20 mA
Peak Wavelength
λP
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Spectral Halfwidth
Δλ1/2
24
nm
Wavelength Width at Spectral
Distribution ½ Power Point at
IF = 20 mA
Notes:
1. 2
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on axis intensity.
2. The dominant wavelength,
λd, is derived from the Chromaticity Diagram and represents the color of the lamp.


유사한 부품 번호 - HLMP-KA45-E0000

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-K101 QT-HLMP-K101 Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Fairchild Semiconductor
HLMP-K101 FAIRCHILD-HLMP-K101 Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K101 AVAGO-HLMP-K101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-K101-J0000 HP-HLMP-K101-J0000 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K101-J0001 HP-HLMP-K101-J0001 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
More results

유사한 설명 - HLMP-KA45-E0000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com