전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB500 데이터시트(PDF) 2 Page - Systemsensor advanced ideas.

부품명 SMB500
상세설명  500 Series Intelligent Sensors with Integral Communications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYSTEMSENSOR [Systemsensor advanced ideas.]
홈페이지  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SMB500 데이터시트(HTML) 2 Page - Systemsensor advanced ideas.

  SMB500 Datasheet HTML 1Page - Systemsensor advanced ideas. SMB500 Datasheet HTML 2Page - Systemsensor advanced ideas. SMB500 Datasheet HTML 3Page - Systemsensor advanced ideas. SMB500 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-228-01
1551B with
6
″ base
2551THR with
4
″ base
1551B
The 1551B Intelligent Ionization Smoke Sensor’s unique
unipolar chamber responds quickly and uniformly to the
broadest range of fires and can withstand wind gusts up to
1500 feet-per-minute without outputting an alarm level
signal. Because of the unipolar chamber, the 1551B is
more responsive than most ionization sensors. This makes
it a more stable detector.
Specifications – 1551B
Dimensions
Height:
2.3
″ (5.8 cm), detector in base
Diameter:
4.0
″ (10.2 cm)
installed in B501 base
6.1
″ (15.5 cm)
installed in B501B base
Shipping Weight:
9.5 ounces (269 g)
Temperature Range:
32
° to 120°F (0° to 49°C)
Humidity Range:
10% to 93% RH noncondensing
Air Velocity Rating:
1,500 fpm
Operating Voltage:
15–32 VDC peak, 6.5 mA
current for visible LEDs
latched on
Standby Current:
200
µA
Sensor:
Unipolar, dual chamber
Smoke Detector Spacing:
On smooth ceilings (as defined in NFPA 72) spacing of
30 feet (900 sq. ft.) may be used as a guide. See NFPA
72 for more details on spacing requirements.
2551HR/2551THR
The 2551HR Intelligent Photoelectronic Sensor represents
the state of the art in smoke sensor technology. It features
fully coated circuit boards, special insect and dirt
protection and superior RF/transient protection. The
sensor will transmit an analog value representative of the
sensitivity that can be used by the system to determine
when maintenance is required. Signal processing for alarm
verification can be built into the system to provide
immunity to false alarms.
The 2551THR Intelligent Photoelectronic Sensor adds a
thermal heat collector that will alarm at a fixed
temperature of 135
°F.
General Description
All 500 Series sensors are simple to install, service, and
maintain. Using a specially designed tool (XR5),
maintenance personnel can easily remove and replace the
plug-in detectors without using a ladder. 500 Series
sensors incorporate built-in identification allowing the
system to identify the type of sensor. They also have a
built-in magnetic reed switch for local testing, and the
1551B, 2551HR, and 2551THR can be sensitivity tested
with the MOD400R Field Sensitivity Test Tool.


유사한 부품 번호 - SMB500

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
SMB500 GAMEWELL-FCI-SMB500 Datasheet
143Kb / 2P
   Fault Isolator Module
SMB500 GAMEWELL-FCI-SMB500 Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
logo
Shanghai Leiditech Elec...
SMB500 LEIDITECH-SMB500 Datasheet
106Kb / 1P
   Ceramic Gas Discharge Tube
More results

유사한 설명 - SMB500

제조업체부품명데이터시트상세설명
logo
Systemsensor advanced i...
2551HR SYSTEMSENSOR-2551HR Datasheet
51Kb / 4P
   Photoelectronic Sensors with Communications
MDDS743 SYSTEMSENSOR-MDDS743 Datasheet
171Kb / 2P
   500 Series Intelligent Modules
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
   Intelligent Eight-Channel Communications Controller
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
   NUMERIC DISPLAYS WITH INTEGRAL DRIVER
logo
List of Unclassifed Man...
B100XXL ETC-B100XXL Datasheet
405Kb / 11P
   LED displays with integral driver
Ver 1.0
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Hynix Semiconductor
GM16C550 HYNIX-GM16C550 Datasheet
205Kb / 22P
   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFOs
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
   Intelligent MP Series
logo
KISTLER INSTRUMENT CORP...
9215A KISTLER-9215A Datasheet
274Kb / 5P
   Sensors for Small Forces –0,5 ... 0,5 N to –500 ... 500 N
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com