전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54-370-006 데이터시트(PDF) 10 Page - API Technologies Corp

부품명 54-370-006
상세설명  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-370-006 데이터시트(HTML) 10 Page - API Technologies Corp

Back Button 54-370-006 Datasheet HTML 6Page - API Technologies Corp 54-370-006 Datasheet HTML 7Page - API Technologies Corp 54-370-006 Datasheet HTML 8Page - API Technologies Corp 54-370-006 Datasheet HTML 9Page - API Technologies Corp 54-370-006 Datasheet HTML 10Page - API Technologies Corp 54-370-006 Datasheet HTML 11Page - API Technologies Corp 54-370-006 Datasheet HTML 12Page - API Technologies Corp 54-370-006 Datasheet HTML 13Page - API Technologies Corp 54-370-006 Datasheet HTML 14Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
.200
(5.08)
.160
(4.064)
Max.
A/B
.115 Ref.
(2.92)
L
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
ø .385 Max.
(9.78)
Note: Max. O.D. is ø .416" for Military QPL Filters.
Figure 1
85°C
125°C
Rated Voltage
DC
AC
8
8
17
4
4
4
11
22
22
27
25
19
19
57
13
8
8
30
28
34
40
24
24
70
29
14
14
55
43
44
70
39
34
70
59
29
24
70
70
60
70
70
57
70
70
70
47
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
SCI-2040-012
SCI-2040-013
¦
9004-100-2017
SCI-2140-004
SCI-2140-006
SCI-2140-007
SCI-2340-009
SCI-2340-004
SCI-2340-013
SCI-2340-014
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
2.00
3.00
15.0
1.00
3.00
10.0
0.25
1.00
3.00
10.0
1.400
1.400
1.400
0.500
0.500
0.500
0.150
0.150
0.150
0.150
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
150
150
150
300
300
300
300
50
50
50
100
100
100
300
300
300
300
125
125
125
125
DC
AC
MIL
No
Max
L
1.071
1.071
1.179
1.070
1.071
1.071
1.071
1.071
1.071
1.071
(27.203)
(27.203)
(29.947)
(27.178)
(27.203)
(27.203)
(27.203)
(27.203)
(27.203)
(27.203)
In
(mm)
DCR
Max
Ohms
0.126
0.054
0.005
0.500
0.054
0.010
8.000
0.500
0.054
0.010
Thd
Lgth
B
B
A
A
A
A
B
A
B
B
¦
Also available through API’s authorized distributors.
¦
Also available through API’s authorized distributors.
85°C
125°C
Rated Voltage
DC
AC
10
10
22
22
13
11
31
28
21
18
55
43
43
33
80
80
80
80
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø T Circuit MIL Qualified Product
51-382-609
51-382-603
¦
51-351-604
51-351-603
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
2.00
4.00
2.00
4.00
0.750
0.750
0.250
0.250
70
70
70
70
70
70
70
70
100
100
150
150
125
125
DC
AC
M15733
MIL
No
25-0024
25-0007
26-0012
26-0008
Max
L
1.179
1.345
1.179
1.345
(29.947)
(34.163)
(29.947)
(34.163)
In
(mm)
DCR
Max
Ohms
0.100
0.063
0.100
0.063
Thd
Lgth
B
A
A
A
(See MIL index on pages CF8-10 for complete
MIL part number listing)
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
.375 ø T Circuit
.375 ø T Circuit Standard Product
Dimensions in inches
(mm)
LP35


유사한 부품 번호 - 54-370-006

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
54-370-006 SPECTRUM-54-370-006 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

유사한 설명 - 54-370-006

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com