전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGB3NB60FD 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STGB3NB60FD
상세설명  N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB3NB60FD 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STGB3NB60FD Datasheet HTML 6Page - STMicroelectronics STGB3NB60FD Datasheet HTML 7Page - STMicroelectronics STGB3NB60FD Datasheet HTML 8Page - STMicroelectronics STGB3NB60FD Datasheet HTML 9Page - STMicroelectronics STGB3NB60FD Datasheet HTML 10Page - STMicroelectronics STGB3NB60FD Datasheet HTML 11Page - STMicroelectronics STGB3NB60FD Datasheet HTML 12Page - STMicroelectronics STGB3NB60FD Datasheet HTML 13Page - STMicroelectronics STGB3NB60FD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
10/14
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


유사한 부품 번호 - STGB3NB60FD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HDT4 STMICROELECTRONICS-STGB3NB60HDT4 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
More results

유사한 설명 - STGB3NB60FD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
   N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
June 2005 Rev.9
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
   N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com