전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7412 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TDA7412
상세설명  CARRADIO SIGNAL PROCESSOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 4Page - STMicroelectronics TDA7412 Datasheet HTML 5Page - STMicroelectronics TDA7412 Datasheet HTML 6Page - STMicroelectronics TDA7412 Datasheet HTML 7Page - STMicroelectronics TDA7412 Datasheet HTML 8Page - STMicroelectronics TDA7412 Datasheet HTML 9Page - STMicroelectronics TDA7412 Datasheet HTML 10Page - STMicroelectronics TDA7412 Datasheet HTML 11Page - STMicroelectronics TDA7412 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
TDA7412
8/56
PAUSE DETECTOR1
VTH
Zero Crossing Threshold
Window 1
40
mV
Window 2
80
mV
Window 3
160
mV
IDELAY
Pull-Up Current
15
25
35
µA
VTHP
Pause Threshold
3.0
V
SPEAKER ATTENUATORS
Rin
Input Impedance
35
50
65
k
GMAX
Max. Gain
14
15
16
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
5
mV
Notes: 1. If configured as Pause-Output
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
1.8
2.2
VRMS
RL
Output Load Resistance
2
k
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
100
VDC
DC Voltage Level
4.3
4.5
4.7
V
VOICE BANDPASS
fHP
Highpass corner frequency
fHP1
81
90
99
Hz
fHP2
122
135
148
Hz
fHP3
162
180
198
Hz
fHP4
194
215
236
Hz
fHP5
270
300
330
Hz
fHP6
405
450
495
Hz
fHP7
540
600
660
Hz
fHP8
675
750
825
Hz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)


유사한 부품 번호 - TDA7412

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7410NDTR STMICROELECTRONICS-TDA7410NDTR Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
   Car radio multimedia signal processor
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
More results

유사한 설명 - TDA7412

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
512Kb / 59P
   CARRADIO SIGNAL PROCESSOR
March 2000
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
379Kb / 26P
   CARRADIO-SIGNAL-PROCESSOR
TDA7409 STMICROELECTRONICS-TDA7409 Datasheet
296Kb / 25P
   CARRADIO-SIGNAL-PROCESSOR
TDA7405 STMICROELECTRONICS-TDA7405 Datasheet
815Kb / 56P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
October 2001
TDA7405 STMICROELECTRONICS-TDA7405_04 Datasheet
696Kb / 57P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
   LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
TMS320F28044 TI-TMS320F28044_07 Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com