전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-790-023 데이터시트(HTML) 4 Page - API Technologies Corp

부품명 54-790-023
상세내용  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo 

54-790-023 데이터시트(HTML) 4 Page - API Technologies Corp

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 4 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
6-32 C, L, Pi/6-40 Pi
.500 ± .031
(12.7 ± .79)
.320 ± .031
(8.13 ± .79)
.125
(3.18)
.225
(5.72)
ø A ± .005
(± .13)
#6–32 Unc–2A
.156 Hex.
(3.96)
.130
(3.30)
#6-40 Unf–2A Thd.
.220
(5.59)
ø .032 ± .005
(ø 0.81 ± .79)
.050
(1.27)
.950 ± .031
(24.13 ± .79)
.290 ± .031
(7.37 ± .79)
.125
(3.18) Hex.
ø .156
(3.96)
Figure 2
Figure 1
Figure 3
7
8
31
9
17
20
24
14
18
40
9
20
27
30
34
5
5
8
15
30
45
44
10
18
29
34
37
41
15
15
15
24
55
65
47
21
27
38
43
45
45
42
40
50
33
70
70
55
28
33
45
50
50
50
65
60
65
37
Minimum Insertion Loss (dB)
50
50
50
100
100
100
100
100
100
100
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Also available through API’s authorized European distributors/agents.
¦
51-726-008
51-726-017
54-779-019
¦
54779001X5F100M
¦
54779001X5U102P €
54-779-014
54-779-016
¦
51-726-002
54-779-017
54-779-018
¦
51-726-001
¦
1289-001
¦
1289-004
54-779-015
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
1
1
1
1
1
1
1
3
1
1
1
2
2
1
3
3
10
10
10
10
10
10
10
10
3
10
10
10
5500 pF
9000 pF
0.10 µF
10 pF ± 20%
1000 pF
2700 pF
0.01 µF
0.022 µF
0.027 µF
0.050 µF
1500 pF
1500 pF
3000 pF
5600 pF
70
70
65
10
28
35
50
60
55
60
70
60
70
40
70
70
65
10
28
35
50
60
60
60
70
60
70
40
A
0.018
0.018
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.018
0.032
0.032
0.032
AC
(0.46)
(0.46)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.46)
(0.81)
(0.81)
(0.81)
In
(mm)
22
7
10
15
1
MHz
CKT
Pi
Pi
C
C
C
C
C
LB
C
C
Pi
Pi
Pi
C
Dimensions in inches
(mm)
LP15
Same as Figure 1
except with turret lead


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn