전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54-862-002 데이터시트(PDF) 3 Page - API Technologies Corp

부품명 54-862-002
상세설명  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-862-002 데이터시트(HTML) 3 Page - API Technologies Corp

  54-862-002 Datasheet HTML 1Page - API Technologies Corp 54-862-002 Datasheet HTML 2Page - API Technologies Corp 54-862-002 Datasheet HTML 3Page - API Technologies Corp 54-862-002 Datasheet HTML 4Page - API Technologies Corp 54-862-002 Datasheet HTML 5Page - API Technologies Corp 54-862-002 Datasheet HTML 6Page - API Technologies Corp 54-862-002 Datasheet HTML 7Page - API Technologies Corp 54-862-002 Datasheet HTML 8Page - API Technologies Corp 54-862-002 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
.360 ± .031
(9.144 ± .79)
.240 ± .031
(6.10 ± .79)
.120
(3.05)
.220
(5.59)
ø A ± .005
(± .13)
.156 Hex.
(3.96)
#4–40 Unc–2A Thd.
F
7
8
25
25
25
17
20
20
20
24
24
24
12
12
12
14
15
37
37
37
27
30
30
30
35
35
35
5
21
21
21
40
40
42
42
42
34
38
38
38
42
42
42
15
30
30
30
60
65
52
52
52
43
45
45
45
54
54
54
42
41
41
41
70
70
55
55
55
47
45
45
45
56
56
56
65
45
45
45
Minimum Insertion Loss (dB)
50
50
50
50
50
100
100
100
100
100
100
100
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
* Tinned, steel leads.
¦
Also available through API’s authorized distributors.
¦
51-729-305
¦
51-729-312
SCI-3102-002
SCI-3102-000
SCI-3102-007
¦
51-729-304
¦
SCI-3112-002
¦
SCI-3112-000
SCI-3112-007
SCI-3112-102
SCI-3112-100
SCI-3112-107
¦
51-729-303
SCI-3122-002
SCI-3122-000
SCI-3122-007
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
3
3
3
5
10
3
5
5
10
3
5
10
3
3
5
10
5500 pF
7000 pF
0.075 µF
0.075 µF
0.075 µF
0.022 µF
0.027 µF
0.027 µF
0.027 µF
0.05 µF
0.05 µF
0.05 µF
1500 pF
0.01 µF
0.01 µF
0.01 µF
70
70
70
70
70
55
65
65
65
70
70
70
70
70
70
70
70
70
70
70
70
55
70
70
70
70
70
70
70
70
70
70
A
0.018
0.018
0.016
0.016
0.025
0.018
0.016
0.016
0.025
0.016
0.016
0.025
0.018
0.016
0.016
0.025
115
115
115
AC
(0.46)
(0.46)
(0.41)*
(0.41)
(0.64)
(0.46)
(0.41)*
(0.41)
(0.64)
(0.41)*
(0.41)
(0.64)
(0.46)
(0.41)*
(0.41)
(0.64)
In
(mm)
18
18
18
7
10
10
10
15
15
15
1
MHz
CKT
Pi
Pi
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
Pi
LB
LB
LB
Figure 1
4-40 L and Pi Circuit
Dimensions in inches
(mm)
LP14


유사한 부품 번호 - 54-862-002

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
54-862-002 APITECH-54-862-002 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

유사한 설명 - 54-862-002

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com