전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA25C512LEMN 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 SA25C512LEMN
상세설명  512Kb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SA25C512LEMN 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SA25C512LEMN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 14Page - List of Unclassifed Manufacturers SA25C512LEMN Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SA25C512 Data Sheet
SAIFUN
11
Read Status Register (RDSR)
The RDSR instruction provides read
access
to
the
status
register.
The
BUSY/RDY and WREN statuses of the
device can also be determined by this
instruction. In addition, the Block Write
Protection bits indicate the extent of
protection employed. In order to determine
the status of the device, the value of the
/RDY bit can be continuously polled before
sending any write instruction.
Write Status Register (WRSR)
The WRSR instruction enables the user to
select one of four levels of protection. The
SA25C512 is divided into four array
segments. The top quarter, top half or all of
the memory segments can be protected
(for more details, refer to Table 7). The
data within a selected segment is therefore
read-only.
Table 7. Block Write Protect Bits
Status Register Bits
Level
BP1
BP0
Array Addresses
Protected
0
0
0
None
1/4
0
1
C000 - FFFF
1/2
1
0
8000 - FFFF
All
1
1
0000 - FFFF
The WRSR instruction (as shown in
Table 8) also allows the user to enable or
disable the WPb pin via the WPBEN bit.
Hardware write protection is enabled when
the WPb pin is low and the WPBEN bit is
1, and disabled when either the WP pin is
high or the WPBEN bit is 0. When the
device is hardware write protected, writes
to the status register are disabled.
NOTE:
When the WPBEN bit is hardware write
protected, it cannot be changed back
to 0 as long as the WPb pin is held low.
Table 8. WPBEN Operation
WPb WPBEN WEN
Protected
Blocks
Un-
protected
Blocks
Status
Register
X
0
0
Protected
Protected Protected
X
0
1
Protected
Writable
Writable
Low
1
0
Protected
Protected Protected
Low
1
1
Protected
Writable
Protected
High
X
0
Protected
Protected Protected
High
X
1
Protected
Writable
Writable
Read Sequence (READ)
Reading the SA25C512 via the SO pin
requires the following sequence (for more
details, see Table 9, page 12):
1. After the CSb line is pulled low to select
the device, the READ opcode is
transmitted via the SI line, followed by
the byte address to be read. Upon
completion, any data on the SI line is
ignored.
2. The data (D7-D0) at the specified
address is then shifted out onto the SO
line.
If only one byte is to be read, the CSb line
should be driven high after the data comes
out.
The
READ
sequence
can
be
continued,
as
the
byte
address
is
automatically
incremented
and
data
continues to shift out. When the highest
address is reached, the address counter
rolls over to the lowest address, enabling
the entire memory to be read in one
continuous READ cycle.


유사한 부품 번호 - SA25C512LEMN

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

유사한 설명 - SA25C512LEMN

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com