전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4410BDY-T1-E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4410BDY-T1-E3
상세설명  N-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4410BDY-T1-E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4410BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4410BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4410BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4410BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4410BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4410BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si4410BDY
Vishay Siliconix
www.vishay.com
2
Document Number: 72211
S-50366—Rev. C, 28-Feb-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 10 A
0.011
0.0135
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 5 A
0.0165
0.020
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
25
S
Diode Forward Voltagea
VSD
IS = 2.3 A, VGS = 0 V
0.76
1.1
V
Dynamicb
Gate Charge
Qg
VDS = 15 V, VGS = 5 V, ID = 10 A
13
20
Total Gate Charge
Qgt
25
40
nC
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 10 V, ID = 10 A
5.5
nC
Gate-Drain Charge
Qgd
DS
5, GS
0, D
0
3.7
Gate Resistance
Rg
f = 1 MHz
0.5
1.6
2.7
W
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD = 25 V, RL = 25 W
10
15
Turn-Off Delay Time
td(off)
VDD = 25 V, RL = 25 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
40
60
ns
Fall Time
tf
15
25
Source-Drain Reverse Recovery Time
trr
IF = 2.3 A, di/dt = 100 A/ms
35
70
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
012345
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 10 thru 5 V
25_C
TC = 125_C
−55_C
3 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
4 V
2 V


유사한 부품 번호 - SI4410BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4410BDY-T1-E3 VBSEMI-SI4410BDY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

유사한 설명 - SI4410BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com