전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPAM10S-480025 데이터시트(PDF) 2 Page - Total Power International

부품명 TPAM10S-480025
상세설명  ON-BOARD AC/DC MODULAR POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM10S-480025 데이터시트(HTML) 2 Page - Total Power International

  TPAM10S-480025 Datasheet HTML 1Page - Total Power International TPAM10S-480025 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 120.0g (4.23 Oz.)
DERATING CHART
SINGLE OUTPUT
VO1 @ ★
MODEL NO.
TYP. VOLT. PEAK
TPAM10S-033243 2.43A 3.3V 2.91A
TPAM10S-050200 2.00A 5.0V 2.44A
TPAM10S-090112 1.12A 9.0V 1.34A
TPAM10S-120090 0.90A 12.0V 1.08A
TPAM10S-150072 0.72A 15.0V 0.86A
TPAM10S-240045 0.45A 24.0V 0.54A
TPAM10S-480025 0.25A 48.0V 0.30A
DUAL OUTPUT
+VO1 @ ★
-VO2 ‖
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT. MAX.
TPAM10D-033120 1.20A
+3.3V
1.38A
1.20A
-3.3V 1.38A
TPAM10D-050100 1.00A
+5.0V
1.15A
1.00A
-5.0V 1.15A
TPAM10D-120045 0.45A +12.0V
0.51A
0.45A -12.0V 0.51A
TPAM10D-150035 0.35A +15.0V
0.40A
0.35A -15.0V 0.40A
Symbols: "★" OVP built-in. "@" Adjustable. "‖"Double Feedback.
Note: (1) Max. (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can not be drawn from all outputs at the same time.
(2) Peak output, less than 60 Sec. with duty cycle <10%.
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN #1. AC-GROUND
AC-GROUND
PIN #2. AC-NEUTRAL AC-NEUTRAL
PIN #3. AC-LINE
AC-LINE
PIN #4. + VO1
+ VO1
PIN #5. NO PIN
DC-COM
PIN #6. DC-COM
-VO2
CASE SIZE: AM02
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


유사한 부품 번호 - TPAM10S-480025

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPAM10S-480022 TOTAL-POWER-TPAM10S-480022 Datasheet
207Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 10-WATTS SINGLE AND DUAL OUTPUT TPAM10S AND TPAM10D SERIES
More results

유사한 설명 - TPAM10S-480025

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPAM50S TOTAL-POWER-TPAM50S_17 Datasheet
278Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE
logo
HITRON ELECTRONICS CORP...
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
HITRON ELECTRONICS CORP...
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
TDK Electronics
KPSA TDK-KPSA Datasheet
182Kb / 2P
   4-15W AC-DC Board Mount Power Supplies
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com