전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA24C1024LNFX 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 SA24C1024LNFX
상세설명  1024Kb EEPROM IIC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SA24C1024LNFX 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  SA24C1024LNFX Datasheet HTML 1Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 2Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA24C1024LNFX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SA24C1024 Datasheet
SAIFUN
5
Connection Diagrams
SA24C1024
1
2
3
4
8
7
6
5
NC
A1
NC
V
SS
V
CC
WP
SCL
SDA
SA24C1024
1
2
3
4
8
7
6
5
NC
A1
NC
V
SS
V
CC
SCL
SDA
Figure 2. SO Package (MW), Dual Inline (N) – Top
View
Figure 3. Leadless Package (MLF) – Top View
Note:
For more details, refer to package number N08E and M08D.
Table 1. Pin Names
Symbol
Pin Name
Description
NC
Not Connected
A1
Device Select Address Input
Pin
Has an internal "weak" pulldown, and assumes logic LOW
when left unconnected.
NC
Not Connected
VSS
Device Ground Input Pin
SDA
IIC Data Input/Output Pin
Open Collector/Drain type.
SCL
IIC Clock Input Pin
WP
Write Protect
Has an internal "weak" pulldown, and assumes logic LOW
when left unconnected.
When LOW, writing is allowed to the memory array.
When HIGH, writing is not allowed to the memory array, as
defined in Write Protect (WP), page 14.
VCC
Device Power Input Pin
2.7 V to 3.6 V
Note:
No A2 or A0 pins (Pins 2 and 3) are provided, and are instead treated as Not
Connected. Internal address comparison assumes pin A2 to be 0, and so the
command code should have its corresponding A2 bit set to 0 as well. The
command code should also have its corresponding A0 bit set to add16 (MSB
address bit).


유사한 부품 번호 - SA24C1024LNFX

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA24C YANGJIE-SA24C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SA24C ANOVA-SA24C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Micro Commercial Compon...
SA24C MCC-SA24C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

유사한 설명 - SA24C1024LNFX

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
logo
Asahi Kasei Microsystem...
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
   18V Duall H-Briidge Motor Driiver IIC
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
   USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
PHOENIX CONTACT
2865298 PHOENIX-2865298 Datasheet
301Kb / 12P
   Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com