전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ5953B 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SMAJ5953B
상세설명  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ5953B 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ5953B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ5953B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ5953B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ5953B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Surface mount zener diode
SMAJ5913B--SMAJ5956B
Document Number : SMA502AA
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS (T
A=25℃)
Part Number
Device
marking
code
Zener
voltage
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max. DC
current
VZ
IZT
ZZT
IZK
ZZK
IR(Max.)
VR
IZM
V
m A
Ω
m A
Ω
μ A dc
V
m A
SMAJ5913B
5913
3.3
113.6
10.0
1.0
500
100
1.0
455
SMAJ5914B
5914
3.6
104.2
9.0
1.0
500
75
1.0
416
SMAJ5915B
5915
3.9
96.1
7.5
1.0
500
25
1.0
385
SMAJ5916B
5916
4.3
87.2
6.0
1.0
500
5.0
1.0
349
SMAJ5917B
5917
4.7
79.8
5.0
1.0
500
5.0
1.5
319
SMAJ5918B
5918
5.1
73.5
4.0
1.0
350
5.0
2.0
294
SMAJ5919B
5919
5.6
66.9
2.0
1.0
250
5.0
3.0
268
SMAJ5920B
5920
6.2
60.5
2.0
1.0
200
5.0
4.0
242
SMAJ5921B
5921
6.8
55.1
2.5
1.0
200
5.0
5.2
221
SMAJ5922B
5922
7.5
50.0
3.0
0.5
400
5.0
6.0
200
SMAJ5923B
5923
8.2
45.7
3.5
0.5
400
5.0
6.5
183
SMAJ5924B
5924
9.1
41.2
4.0
0.5
500
5.0
7.0
165
SMAJ5925B
5925
10
37.5
4.5
0.25
500
5.0
8.0
150
SMAJ5926B
5926
11
34.1
5.5
0.25
550
1.0
8.4
136
SMAJ5927B
5927
12
31.2
6.5
0.25
550
1.0
9.1
125
SMAJ5928B
5928
13
28.8
7.0
0.25
550
1.0
9.9
115
SMAJ5929B
5929
15
25.0
9.0
0.25
600
1.0
11.4
100
SMAJ5930B
5930
16
23.4
10
0.25
600
1.0
12.2
94
SMAJ5931B
5931
18
20.8
12
0.25
650
1.0
13.7
83
SMAJ5932B
5932
20
18.7
14
0.25
650
1.0
15.2
75
SMAJ5933B
5933
22
17.0
17.5
0.25
650
1.0
16.7
68
SMAJ5934B
5934
24
15.6
19
0.25
700
1.0
18.2
63
SMAJ5935B
5935
27
13.9
23
0.25
700
1.0
20.6
56
SMAJ5936B
5936
30
12.5
28
0.25
750
1.0
22.8
50
SMAJ5937B
5937
33
11.4
33
0.25
800
1.0
25.1
45
SMAJ5938B
5938
36
10.4
38
0.25
850
1.0
27.4
42
SMAJ5939B
5939
39
9.6
45
0.25
900
1.0
29.7
38
SMAJ5940B
5940
43
8.7
53
0.25
950
1.0
32.7
35
SMAJ5941B
5941
47
8.0
67
0.25
1000
1.0
35.8
32
SMAJ5942B
5942
51
7.3
70
0.25
1100
1.0
38.8
29
SMAJ5943B
5943
56
6.7
86
0.25
130
1.0
42.6
27
SMAJ5944B
5944
62
6.0
100
0.25
1500
1.0
47.1
24
SMAJ5945B
5945
68
5.5
120
0.25
1700
1.0
51.2
22


유사한 부품 번호 - SMAJ5953B

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ5953BHE3 MCC-SMAJ5953BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
More results

유사한 설명 - SMAJ5953B

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com