전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD7000 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 MMBD7000
상세설명  Small Signal Switching Diode, Dual
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD7000 데이터시트(HTML) 2 Page - Vishay Siliconix

  MMBD7000 Datasheet HTML 1Page - Vishay Siliconix MMBD7000 Datasheet HTML 2Page - Vishay Siliconix MMBD7000 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD7000
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 15-May-13
2
Document Number: 85736
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): SOT-23
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 100 μA
V(BR)
100
V
Leakage current
VR = 50 V
IR
1000
nA
VR = 100 V
IR
3μA
VR = 50 V, Tj = 125 °C
IR
100
μA
Forward voltage
IF = 1 mA
VF
0.55
0.70
V
IF = 10 mA
VF
0.67
0.82
V
IF = 100 mA
VF
0.75
1.10
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Reverse recovery time
IF = IR = 10 mA, iR = 1 mA,
RL = 100 
trr
4ns
Foot print recommendation:
Rev. 8 - Date: 23.Sept.2009
17418
Document no.: 6.541-5014.01-4
0.9 (0.035)
1 (0.039)
0.9 (0.035)
1 (0.039)
0.45 (0.018)
0.35 (0.014)
2.8 (0.110)
3.1 (0.122)
0.45 (0.018)
0.35 (0.014)
0.45 (0.018)
0.35 (0.014)
2.35 (0.093)
2.6 (0.102)
0.95 (0.037)
0.95 (0.037)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
0.550 ref. (0.022 ref.)


유사한 부품 번호 - MMBD7000

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
100Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
July 2012
logo
Galaxy Semi-Conductor H...
MMBD7000 BILIN-MMBD7000 Datasheet
189Kb / 3P
   Surface mount switching diode
logo
Guangdong Kexin Industr...
MMBD7000 KEXIN-MMBD7000 Datasheet
800Kb / 2P
   Switching Diodes
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
   High Conductance Ultra Fast Diode
More results

유사한 설명 - MMBD7000

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.3, 17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.0, 16-May-13
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.6, 09-Jul-04
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.5, 13-Feb-18
BAW56-G VISHAY-BAW56-G Datasheet
90Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.1, 25-Jun-13
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com