전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02066-EVME 데이터시트(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

부품명 M02066-EVME
상세설명  3.3 Volt Laser Driver IC for Applications to 3 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066-EVME 데이터시트(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066-EVME Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
02066-DSH-001-D
Mindspeed Technologies
®
4
Preliminary Information / Mindspeed Proprietary and Confidential
2.0 Pin Description
2.1
Pin Descriptions
Table 2-1.
Pin Descriptions (BCC+24)
Pin No.
Name
Function
1
CEN
Clock enable input (TTL/CMOS). Set HIGH or not connected to use CLK inputs, LOW when not using CLK inputs
2
DIS
Bias and modulation output disable (TTL/CMOS). LOW for normal operation
3
GND
Ground
4
MON
Monitor output, connect a resistor between this pin and VCC to monitor the sum of bias and modulation currents
5
FAIL
Mean power control failure indicator (TTL/CMOS). Goes LOW when control loop is no longer able to maintain constant
current at PD
6
OCA
Over-current alarm (TTL/CMOS). Goes LOW when IBIAS exceeds the preset bias current limit
7VCC
Power supply
8
BIAS
Laser bias current output
9VCC
Power supply
10
OUT+
Positive modulation current output. Sinks current when DIN is HIGH
11
OUT-
Negative modulation current output. Sinks current when DIN is HIGH
12
GNDA
Ground for output stage. (inductor to ground)
13
PD
Monitor photo diode input. This input is connected to the monitor photodiode anode for automatic power control. A
resistor between this pin and ground sets the mean optical power
14
CMPC
Mean power control loop dominant pole capacitor
15
GND
Ground
16
TCSLOPE
Connecting a resistor between this pin and ground sets the temperature coefficient of IMODSET (using the internal IC
temperature)
17
TCSTART
Secondary temperature coefficient of IMOD. A resistor on this pin to ground sets the temperature at which the
temperature compensation starts
18
MODSET
Modulation current set. Connect a resistor between this pin and ground to set
19
OCASET
Over current alarm set. Connect a resistor between this pin and ground to set
20
VCC
Power supply
21
DIN
Positive data input (PECL). Self biased


유사한 부품 번호 - M02066-EVME

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02066-EVME MA-COM-M02066-EVME Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results

유사한 설명 - M02066-EVME

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com