전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK402-250 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 STK402-250
상세설명  Three-Channel Class AB Audio Power Amplifier IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-250 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  STK402-250 Datasheet HTML 1Page - Sanyo Semicon Device STK402-250 Datasheet HTML 2Page - Sanyo Semicon Device STK402-250 Datasheet HTML 3Page - Sanyo Semicon Device STK402-250 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ordering number : ENN7071
N1102AS (OT) No. 7071-1/4
Overview
The STK402-200 series products are audio power
amplifier hybrid ICs that consist of optimally-designed
discrete component power amplifier circuits that have
been miniaturized using SANYO's unique insulated metal
substrate technology (IMST). SANYO has adopted a new
low thermal resistance substrate in these products to
reduce the package size by about 60% as compared to the
earlier SANYO STK408-000 series.
Features
• Series of pin compatible power amplifiers ranging from
20 W
× 3 channels to 60 W × 3 channels (10%/1 kHz)
devices. The same printed circuit board can be used
depending on the output power grade.
• The pin arrangement is compatible with that of the 2-
channel STK402-000 series. This means that 3-channel
printed circuit boards can also be used for 2-channel
products.
• Miniature packages
— 15 W/ch to 40 W/ch (THD = 0.4%, f = 20 Hz to
20 kHz); 59.2 mm
× 31.0 mm × 8.5 mm *
*: Not including the pins.
• Achieves superlative heat dissipation due to the adoption
of SANYO's Insulated Metal Substrate Technology
(IMST).
• Output load impedance: RL = 6 Ω
• Allowable load shorted time: 0.3 seconds
• Supports the use of standby, muting, and load shorting
protection circuits.
Package Dimensions
unit: mm
4191-SIP19
SANYO: SIP19
[STK402-250]
STK402-250
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Three-Channel Class AB Audio Power Amplifier IC
30 W + 30 W + 30 W
Thick-Film Hybrid IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


유사한 부품 번호 - STK402-250

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
More results

유사한 설명 - STK402-250

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com